Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSF3203 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTSF3203
Description  SINGLE TMOS POWER MOSFET 4.9 AMPERES 20 VOLTS RDS(on) = 0.05 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF3203 Datasheet(HTML) 5 Page - Motorola, Inc

  MTSF3203 Datasheet HTML 1Page - Motorola, Inc MTSF3203 Datasheet HTML 2Page - Motorola, Inc MTSF3203 Datasheet HTML 3Page - Motorola, Inc MTSF3203 Datasheet HTML 4Page - Motorola, Inc MTSF3203 Datasheet HTML 5Page - Motorola, Inc MTSF3203 Datasheet HTML 6Page - Motorola, Inc MTSF3203 Datasheet HTML 7Page - Motorola, Inc MTSF3203 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTSF3203
5
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
3 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems, but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 3. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES


Similar Part No. - MTSF3203

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTSF3N02HD MOTOROLA-MTSF3N02HD Datasheet
235Kb / 12P
   SINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS(on) = 0.040 OHM
logo
ON Semiconductor
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTSF3N02HDR2 ONSEMI-MTSF3N02HDR2 Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
logo
Motorola, Inc
MTSF3N03HD MOTOROLA-MTSF3N03HD Datasheet
232Kb / 12P
   SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
logo
ON Semiconductor
MTSF3N03HD ONSEMI-MTSF3N03HD Datasheet
142Kb / 12P
   Power MOSFET
November, 2000 ??Rev. 4
More results

Similar Description - MTSF3203

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTSF3N02HD MOTOROLA-MTSF3N02HD Datasheet
235Kb / 12P
   SINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS(on) = 0.040 OHM
MTW35N15E MOTOROLA-MTW35N15E Datasheet
169Kb / 8P
   TMOS POWER FET 35 AMPERES 150 VOLTS RDS(on) = 0.05 OHM
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
   SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
MTSF1P02HD MOTOROLA-MTSF1P02HD Datasheet
342Kb / 12P
   SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
MTDF1N02HD MOTOROLA-MTDF1N02HD Datasheet
219Kb / 12P
   DUAL TMOS POWER MOSFET 1.7 AMPERES 20 VOLTS RDS(on) = 0.120 OHM
MTSF3N03HD MOTOROLA-MTSF3N03HD Datasheet
232Kb / 12P
   SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTSF2P03HD MOTOROLA-MTSF2P03HD Datasheet
245Kb / 12P
   SINGLE TMOS POWER MOSFET 2.7 AMPERES 30 VOLTS RDS(on) = 0.090 OHM
MTD20N06HD MOTOROLA-MTD20N06HD Datasheet
274Kb / 12P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com