Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG315 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TG315
Description  THURLBY THANDAR INSTRUMENTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG315 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TG315 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG315 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG315 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG315 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical Specifications
Designed and built in Europe by:
Thurlby Thandar Instruments Ltd. operates a policy of continuous development and
reserves the right to alter specifications without prior notice.
Thurlby Thandar Instruments Ltd.
Glebe Road, Huntingdon. Cambs. PE29 7DR United Kingdom (UK)
Tel: +44 (0)1480 412451 Fax: +44 (0)1480 450409
Email: sales@tti-test.com
Web: www.tti-test.com
THURLBY THANDAR INSTRUMENTS
TG300 Series
3MHz function and sweep/function generators
simultaneous display of frequency & amplitude
FREQUENCY
Frequency Range:
0.03Hz to 3MHz in 7 overlapping decade
ranges with fine adjustment by a vernier.
Vernier Range:
1000:1 on each range.
OPERATING MODES
Specifications apply for the top decade of each frequency range and maximum out-
put into 50
termination.
SINE
Distortion:
<0.5% on 300, 3k and 30k ranges; <1% on
3, 30 and 300k ranges; all harmonics >25dB
below fundamental on 3M range.
Amplitude Flatness: ±0.2dB to 200kHz; ±2dB to 3MHz.
TRIANGLE
Linearity:
Better than 99% to 200kHz
SQUARE WAVE
Rise/Fall Times:
<100ns
Mark - Space Ratio: 1:1 ± 1% to 100kHz
DC
Range:
±10V unterminated
SYMMETRY
Symmetry Range:
Variable typically 1:9 to 9:1 (on top decade of
each range), frequency divided by 10.
METER FUNCTIONS (generator mode)
Frequency:
Auto-ranging reciprocal measurement giving
4 digit resolution for frequencies down to
1Hz; maximum resolution is 0.001Hz.
Accuracy ±1 digit for 0.2Hz to 3MHz.
Below 0.2Hz accuracy is ±1% of range full
scale (symmetry off).
Amplitude:
Display shows peak-to-peak amplitude or rms
value. Display corrected for attenuator set-
ting. 3-digit resolution, accuracy typically 5%
of range. Clipping indicator on display.
DC Offset:
3-digit resolution; accuracy typically ±2% of
setting ±1 digit. Display corrected for attenu-
ator setting. Clipping indicator on display.
OUTPUTS
MAIN - 50 Ohm
Amplitide
2mV to 20V peak-peak open circuit (1mV to
10V peak-peak into 50
Ω) in four switch-
selectable ranges with 20dB vernier control
within each range
Attenuator Ranges: 0dB, -20dB, -40dB, -60dB
DC Offset Range:
±10V from 50
Ω. DC offset plus signal peak
limited to ±10V (±5V into 50
Ω). DC offset
plus waveform attenuated proportionally by
the attenuator.
MAIN - 600 Ohm
Alternative output socket offering the same
facilities as the 50
Ω socket.
AUX OUT
0 to 5V TTL/CMOS logic levels capable of
driving 2 standard TTL loads. Frequency,
symmetry and phase as main outputs
SWEEP OUT
3V ramp from 600
Ω (TG330 only)
EXTERNAL COUNTER (TG320 and TG330 only)
Frequency Ranges: 5Hz to 25MHz and 20MHz to 120MHz,
fully autoranging to maximum resolution
Input Sensitivity:
50mV rms (sinewave)
Input Impedance:
1M
Ω/25pF
Measurement Time: Selectable 0.5s or 5s
Resolution:
6 digits in 0.5s; 7 digits in 5s
Accuracy:
±1 digit ± timebase accuracy
Timebase Accuracy: ±10ppm initial error; ±5ppm/year ageing rate;
typically less then 0.5ppm/
o
C. Adjustment
point for closed-case recalibration
SWEEP MODES
EXTERNAL
Input Impedance:
10k
Input Sensitivity:
0 to 3V for 1000:1 sweep
Max. Input Voltage: ±10V
Sweep Linearity:
Better than 1%
Max. Slew Rate:
0.1V/us
INTERNAL (TG330 only)
Sweep Range:
1000:1 within each range.
Sweep Rate:
Adjustable, typically 20ms to 20 secs.
Sweep Mode:
Linear or logarithmic. Sweep start and stop
frequencies displayed at the press of a but-
ton.
Sweep Output:
3V ramp from 600
Ω.
AMPLITUDE MODULATION (TG330 only)
Depth:
Variable 0 to 100% typical.
Frequency:
400Hz (internal). DC to 20kHz (external).
External Sensitivity: Approximately 2V peak-to-peak for 50% mod-
ulation. Input impedance 40k
Ω.
GENERAL
CASING
Moulded ABS case with tilt stand.
POWER REQUIREMENTS
Input Voltage:
220 to 240 volts AC nominal 50/60Hz or
110 to 120 volts AC nominal 50/60Hz by rear
panel adjustment. Installation category II.
Power Consumption: 25VA max.
TEMPERATURE & ENVIRONMENTAL
Operating Temp.
Range:
+5
o
C to +40
o
C, 20% to 80% RH.
Storage Temp.
Range:
-10
o
C to +65
o
C
Environmental:
Indoor use at altitudes up to 2000m.
Pollution degree 2.
SIZE
260(W) x 88(H) x 235(D)mm (10.2 x 3.4 x
9.2"), excluding handle and feet.
WEIGHT
1.9kg (4.2lb)
SAFETY
Complies with EN61010-1.
EMC
Complies with EN61326.
seven digit 120MHz external frequency counter
internal sweep generator, amplitude modulation
82100-0095


Similar Part No. - TG315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG311RW ETC1-TG311RW Datasheet
49Kb / 1P
   MAGNETIC HEAD FOR CARD USE
More results

Similar Description - TG315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG4001 ETC2-TG4001 Datasheet
629Kb / 5P
   THURLBY THANDAR INSTRUMENTS
logo
Thurlby Thandar Instrum...
EL-R AIM-TTI-EL-R Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
logo
Keysight Technologies
34825A KEYSIGHT-34825A Datasheet
6Mb / 16P
   Basic Instruments
logo
Toshiba Semiconductor
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
logo
Frequency Devices, Inc.
950L8B FREQUENCYDEVICES-950L8B Datasheet
730Kb / 9P
   Tunable Filter Instruments
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
Bel Fuse Inc.
S560-6600-CE BEL-S560-6600-CE Datasheet
63Kb / 2P
   ADSL Magnetics Texas Instruments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com