Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7330 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P7330
Description  High-performance Differential Probes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P7330 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P7330 Datasheet HTML 1Page - List of Unclassifed Manufacturers P7330 Datasheet HTML 2Page - List of Unclassifed Manufacturers P7330 Datasheet HTML 3Page - List of Unclassifed Manufacturers P7330 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High-performance Differential Probes — P7350 • P7330 • P6330
Ordering Information
P7350
5.0 GHz Differential Probe for TekConnect Interface.
Supports CSA/TDS8200, CSA/TDS8000, TDS/CSA7000/B, and TDS6000/B/C
Series.*1
P7330
3.5 GHz Differential Probe for TekConnect Interface.
Supports CSA/TDS8200, CSA/TDS8000, TDS/CSA7000/B, and TDS6000/B/C
Series.*1
P6330
3.5 GHz Differential Probe for TEKPROBE® BNC Interface.
Supports TDS/CSA7000/B, TDS6000/B/C, TDS700, TDS600 Series.*2
All Include: One-year warranty, plus see Accessories table below.
*1 CSA/TDS8200, CSA/TDS8000 Series requires the use of the 80A03 TekConnect Interface Adapter.
*2 TDS6000/B/C or TekConnect TDS7000/B Series oscilloscopes require a TCA-BNC adapter.
Accessories
P7350
P7330
P6330
Accessory
Part No.
Quantity
Part No.
Quantity
Part No.
Quantity
Y Lead Adapter
196-3434-xx
2 each
196-3434-xx
2 each
196-3434-xx
2 each
3 in. Ground Lead
196-3469-xx
2 each
196-3469-xx
2 each
196-3469-xx
2 each
SMT KlipChip™
Adapter
206-0364-xx
2 each
206-0364-xx
2 each
206-0364-xx
2 each
TwinFoot™ Adapter
(Pkg of 2)
016-1785-xx
1 pkg
016-1785-xx
1 pkg
016-1785-xx
1 pkg
Square Pin Adapter
(Pkg of 4)
016-1884-xx
1 pkg
016-1884-xx
1 pkg
016-1884-xx
1 pkg
Plastic Accessory Box
006-7164-xx
1
006-7164-xx
1
006-7164-xx
1
Coding Color Marker
Kit
016-1886-xx
1
––
––
Color-coding Clips
––
016-1315-xx
1 set
016-1315-xx
1 set
Variable Spacing
Adapter
(pkg of 4)
016-1885-xx
1 pkg
016-1885-xx
1 pkg
016-1885-xx
1 pkg
Probe Carrying Case
016-1879-xx
1
016-1879-xx
1
016-1879-xx
1
Instruction Manual
071-1238-xx
1
071-0758-xx
1
071-0757-xx
1
Certificate of Traceable
Calibration
1
1
1
Antistatic Wrist Strap
006-3415-04
1
006-3415-04
1
006-3415-04
1
Pin Jumper Lead
196-3473-xx
2
196-3473-xx
2
196-3473-xx
2
Solder In Kit
020-2505-xx
1
––
––
Service
Opt. C3 –
Calibration Service 3 Years.
Opt. C5 –
Calibration Service 5 Years.
Opt. D1 –
Calibration Data Report.
Opt. D3 –
Calibration Data Report 3 Years (with Opt. C3).
Opt. D5 –
Calibration Data Report 5 Years (with Opt. C5).
Opt. G3 –
Complete Care 3 Years (includes loaner, scheduled calibration and more).
P7330, P7350 only
Opt. G5 –
Complete Care 5 Years (includes loaner, scheduled calibration and more).
P7330, P7350 only
Opt. R3 –
Repair Service 3 Years.
Opt. R5 –
Repair Service 5 Years.
Opt. SILV900 –
Standard Warranty Extended to 5 Years. P6330 only
Recommended Accessories
IEEE 1394 Breakout Connector –
Order 679-5027-xx.
IC Grabber –
Order 013-0309-xx (Pkg of 2).
Related Products
1103 –
TEKPROBE® II power supply for interfacing with other BNC instruments
80A03 –
TekConnect probe interface module for TDS/CSA8000 Series oscilloscopes.
Power Plug Options for 1103
A0 –
North America power.
A1 –
Universal EURO power.
A2 –
United Kingdom power.
A3 –
Australia power.
A4 –
240 V, North America power.
A5 –
Switzerland power.
CE Marking Not Applicable.
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
www.tektronix.com 3


Similar Part No. - P7330

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P73-10M PANDUIT-P73-10M Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
P73-C PANDUIT-P73-C Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
P73-D PANDUIT-P73-D Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
logo
List of Unclassifed Man...
P730 ETC2-P730 Datasheet
434Kb / 3P
   Manual Motor Starter MU
P730 ETC2-P730 Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
More results

Similar Description - P7330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
   1 GHz and 500 MHz High Voltage Differential Probes
logo
New Jersey Semi-Conduct...
2N3728 NJSEMI-2N3728 Datasheet
197Kb / 2P
   NPN HIGH PERFORMANCE DIFFERENTIAL AMPLIFIERS
logo
Pericom Semiconductor C...
PI6C49S1510 PERICOM-PI6C49S1510 Datasheet
3Mb / 16P
   High Performance Differential Fanout Buffer
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
   High Performance Differential MEMS Oscillators
08/15/18
logo
Pericom Semiconductor C...
PI6C49S1506 PERICOM-PI6C49S1506 Datasheet
1Mb / 14P
   High Performance Differential Fanout Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com