Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP3500 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDP3500
Description  Differential Probes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDP3500 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TDP3500 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDP3500 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Description
Quantity shipped
Reorder part number
Reorder quantity
1-inch solder down
1 each
196-3504-xx
1 each
3-inch solder down
1 each
196-3505-xx
1 each
Y-lead adapter
2 each
196-3434-xx
1 each
Micro CKT test tip
3 each
206-0569-xx
1 each
Tip saver
2 each
016-1781-xx
2 each
3-inch ground lead
2 each
196-3437-xx
2 each
Marker band set (2 each of
5 colors)
1 each
016-1315-xx
1 each
Accessory performance summary
and reorder sheet
1 each
001-1412-xx
1 each
TDP3500 standard accessories
Description
Quantity shipped
Reorder part number
Reorder quantity
Pouch, nylon carrying case with
inserts
1 each
016-1952-xx
1 each
Documentation kit TDP3500, includes: 1 each of selected language
020-2867-xx (English with Standard)
020-2893-xx (Japanese with Option L5)
020-2894-xx (Simplified Chinese with
Option L7)
1 each of selected language
Printed user manual (071-2212-
xx, English; 071-2213-xx,
Japanese; 071-2214-xx,
Simplified Chinese)
CD containing PDF-only technical
reference manual, 071-2297-xx,
English
Certificate of traceability
1 each
Standard with probe
1 each
Probe tip cover
1 each
200-4236-xx
1 each
Antistatic wrist strap
1 each
006-3415-xx
1 each
Accessory kit TDP3500 containing:
1 each
020-2883-xx
1 each
Plastic accessory box
1 each
006-7164-xx
--
Square pin adapter
4 each
016-1884-xx
4 each
Variable spacing tip adapter
4 each
016-1885-xx
4 each
Y-lead adapter
2 each
196-3434-xx
1 each
Micro CKT test tip
3 each
206-0569-xx
1 each
3-inch ground lead
2 each
196-3469-xx
2 each
Marker band set (2 each of
5 colors)
1 each
016-1315-xx
1 each
Accessory performance summary
and reorder sheet
1 each
001-1435-xx
1 each
Accessory kit (solder-in differential
probes TDP3500, P6330, P7330,
P7350) containing:
1 each
020-2505-xx
1 each
Adapter, resistor/wire
2 each
016-1926-xx
2 each
Wire assembly w/ 0.02 diameter 10 each
016-1930-xx
10 each
Wire assembly w/ 0.008 diameter 10 each
016-1931-xx
10 each
10Ω resistor w/ 0.02 diameter
wire
10 each
016-1927-xx
10 each
10Ω resistor w/ 0.008 diameter
wire
10 each
016-1933-xx
10 each
Datasheet
6 www.tektronix.com


Similar Part No. - TDP3500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDP3500 ETC2-TDP3500 Datasheet
693Kb / 8P
   DDR Memory Bus Electrical Validation and Analysis Software
logo
TEKTRONIX, INC.
TDP3500 TEKTRONIX-TDP3500 Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDP3500 TEKTRONIX-TDP3500 Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
TDP3500 TEKTRONIX-TDP3500 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
More results

Similar Description - TDP3500

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
   1 GHz and 500 MHz High Voltage Differential Probes
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
   Active Probes
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com