Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV2019-000 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMV2019-000
Description  Silicon Hyperabrupt Varactor Diode Chips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV2019-000 Datasheet(HTML) 2 Page - Alpha Industries

  SMV2019-000 Datasheet HTML 1Page - Alpha Industries SMV2019-000 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon Hyperabrupt Varactor Diode Chips
SMV2109 to SMV2023
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 8/01A
DIODE
Varactor_Diode
AREA = 1
MODEL = Diode_Model
MODE = nonlinear
RES
RS
R = RS
PORT
P_anode
port = 1
PORT
P_Cathode
port = 2
DIODEM
Diode_Model
IS = 1.00e-14
RS = RS
N = 1, 2
TT = 0
CJO = CJO
M = M
VJ = VJ
EG = 1.11
XTI = 3
KF =0
AF =1
FC = 0.5
BV = 22
IBV = 1e-5
ISR = 0
NR = 2
IKF = 0
NBV = 1
IBVL = 0
NBVL = 1
TBV1 = 0
TNOM = 27
FFE = 1
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
0
1
2
3
4
5
6
7
8
9
10
11
12
0
5
10
15
20
SMV2019-000
SMV2020-000
SMV2021-000
SMV2022-000
SMV2023-000
Reverse Voltage (V)
Series Resistance vs. Voltage @ 1 GHz
0
1
2
3
4
5
6
08
4
121620
SMV2019-000
SMV2020-000
SMV2021-000
SMV2022-000
SMV2023-000
Typical Performance Data
SPICE Model
Part
CJO
VJ
MRS
Number
(pF)
(V)
(
Ω)
SMV2019
2.3
3.5
1.40
4.8
SMV2020
3.3
3.6
1.30
4.1
SMV2021
4.5
3.9
1.34
2.8
SMV2022
7.1
4.0
1.40
2.2
SMV2023
10.8
4.6
1.45
1.4
Typical Capacitance Values
SMV2019
SMV2020
SMV2021
SMV2022 SMV2023
VR (V)
CJ (pF)
CJ (pF)
CJ (pF)
CJ (pF)
CJ (pF)
0.0
2.25
3.14
4.48
7.08
10.76
0.5
1.79
2.5
3.57
5.66
8.76
1.0
1.53
2.16
3.09
4.88
7.67
2.0
1.19
1.72
2.45
3.89
6.31
3.0
0.99
1.44
2.09
3.19
5.38
4.0
0.84
1.24
1.83
2.71
4.75
5.0
0.71
1.07
1.60
2.30
4.21
6.0
0.57
0.90
1.37
1.87
3.66
7.0
0.46
0.74
1.17
1.52
3.17
8.0
0.38
0.61
0.97
1.25
2.68
9.0
0.33
0.52
0.81
1.07
2.25
10.0
0.29
0.46
0.69
0.94
1.89
11.0
0.26
0.42
0.61
0.85
1.66
12.0
0.24
0.38
0.56
0.78
1.49
13.0
0.23
0.36
0.51
0.73
1.35
14.0
0.21
0.34
0.48
0.69
1.24
15.0
0.20
0.32
0.45
0.65
1.16
16.0
0.19
0.31
0.43
0.62
1.10
17.0
0.19
0.29
0.41
0.59
1.04
18.0
0.18
0.28
0.39
0.57
0.99
19.0
0.17
0.27
0.38
0.55
0.95
20.0
0.16
0.26
0.36
0.54
0.91
SPICE model parameters extracted from measured characteristics may not
reflect exact physical or electronic properties. See application note APN1004.
CV =
+ CP
1+
CJ0
M
VR
VJ


Similar Part No. - SMV2019-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019-000 SKYWORKS-SMV2019-000 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
More results

Similar Description - SMV2019-000

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
   Silicon Hyperabrupt Varactor Diode
logo
Advanced Semiconductor
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-24 ASI-DKV6522-24 Datasheet
27Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6533C ASI-DKV6533C Datasheet
25Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6534B ASI-DKV6534B Datasheet
19Kb / 2P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-12 ASI-DKV6522-12 Datasheet
27Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MAVR-0013XX MA-COM-MAVR-0013XX Datasheet
757Kb / 7P
   Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com