Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV2022 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMV2022
Description  Hyperabrupt Junction Tuning Varactor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV2022 Datasheet(HTML) 1 Page - Alpha Industries

  SMV2022 Datasheet HTML 1Page - Alpha Industries SMV2022 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 6/01A
Hyperabrupt Junction Tuning Varactor
Features
■ Low Series Resistance
■ High Capacitance Ratio at Low
Reverse Voltage
■ SOT-23 Single and Common Cathode
■ Designed for High Volume, Low Cost
Battery Applications
■ Available in Tape and Reel Packaging
SMV2022–SMV2023
Description
The SMV2022 and SMV2023 devices are silicon
hyperabrupt junction varactor diodes. The specified high
capacitance ratio and low RS of these varactors make them
attractive for low phase noise VCOs in wireless systems.
Characteristic
Value
Reverse Voltage (VR)
22 V
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
CT @ 4 V
CT @ 4 V
CT @ 20 V
CT @ 20 V
Part Number
(pF)
(pF)
(Ratio)
Q @ 4 V
Min.
Max.
Min.
Max.
Min.
50 MHz
SMV2022
2.5
3.3
0.6
0.85
3.0
500
SMV2023
4.4
5.4
0.9
1.20
4.2
500
Electrical Specifications at 25°C
Reverse current IR (VR = 16 nA): 50 nA.
Single
Common Cathode
SOT-23
SOT-23
SMV2022-001
SMV2022-004
SMV2023-001
SMV2023-004
LS = 1.5 nH
LS = 1.5 nH


Similar Part No. - SMV2022

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2022 SKYWORKS-SMV2022 Datasheet
79Kb / 5P
   Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2022 SKYWORKS-SMV2022 Datasheet
646Kb / 11P
   SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV2022

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com