Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62131EK Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62131EK
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62131EK Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62131EK Datasheet HTML 1Page - Monolithic Power Systems MP62131EK Datasheet HTML 2Page - Monolithic Power Systems MP62131EK Datasheet HTML 3Page - Monolithic Power Systems MP62131EK Datasheet HTML 4Page - Monolithic Power Systems MP62131EK Datasheet HTML 5Page - Monolithic Power Systems MP62131EK Datasheet HTML 6Page - Monolithic Power Systems MP62131EK Datasheet HTML 7Page - Monolithic Power Systems MP62131EK Datasheet HTML 8Page - Monolithic Power Systems MP62131EK Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP62130/MP62131 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62130/MP62131 Rev. 0.9
www.MonolithicPower.com
5
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =5V, VEN=0V for MP62130 or 5v for MP62131, CL = 1µF, TA = +25ºC, unless otherwise noted.
INPUT VOTAGE (V)
INPUT VOTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOTAGE (V)
1
1.5
2
2.5
3
3.5
2.5 3
3.5 4
4.5 5
5.5 6
2.2
2.3
2.4
2.5
2.6
2.7
2.5 3
3.5 4
4.5 5
5.5 6
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
2.5 3
3.5 4
4.5 5
5.5 6
30
35
40
45
50
55
2.5 3
3.5 4
4.5 5
5.5 6
60
70
80
90
100
110
2.5 3
3.5 4
4.5 5
5.5 6
Supply Current, Output
Enabled vs. Input Voltage
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-30 -15 0
15 30 45 60 75 90
Static Drain-Source
On-State Resistance Variation
vs. Ambient Temperature
IOUT=0.1A
2.5 3
3.5 4
4.5 5
5.5 6
Static Drain-Source
On-State Resistance
vs. Input Voltage
IOUT=0.5A
OUTPUT CURRENT (A)
80
90
100
110
120
130
140
0
10
20
30
40
50
60
70
80
90
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7
OUTPUT CURRENT (A)
Input to Output Voltage
vs. Load Current
Vin=5.5V
Vin=4V
Vin=5V
Vin=3.3V
Vin=2.7V
89.5
90
90.5
91
91.5
92
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Static Drain-Source
On-State Resistance
vs. Output Current


Similar Part No. - MP62131EK

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6211DH MPS-MP6211DH Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211DH-3 MPS-MP6211DH-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6211DN MPS-MP6211DN Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
More results

Similar Description - MP62131EK

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62350 MPS-MP62350 Datasheet
359Kb / 12P
   3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
   3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
   3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com