Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4P020L1N Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP4P020L1N
Description  LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4P020L1N Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP4P020L1N Datasheet HTML 1Page - Bourns Electronic Solutions TISP4P020L1N Datasheet HTML 2Page - Bourns Electronic Solutions TISP4P020L1N Datasheet HTML 3Page - Bourns Electronic Solutions TISP4P020L1N Datasheet HTML 4Page - Bourns Electronic Solutions TISP4P020L1N Datasheet HTML 5Page - Bourns Electronic Solutions TISP4P020L1N Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TISP4P015L1N THRU TISP4P035L1N
LOW CAPACITANCE
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P0xxL1N Overvoltage Protector Series
OCTOBER 2009
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SOT23-5 Package (Top View)
This range of devices is designed to protect xDSL line-driver
interfaces from overvoltages up to rated limits. Overvoltages are
normally caused by a.c. power-system or lightning-flash distur-
bances which are induced or conducted onto the telephone line.
These symmetrical protectors are two-terminal thyristor-crowbar
devices. They can be used to protect between conductors, or a
pair of devices can be deployed to protect from line to ground.
Designed for ADSL, ADSL2, VDSL, VDSL2 protection
Ion-Implanted Breakdown Region
- Precise and Stable Voltage
Low Voltage Overshoot Under Surge
Low Off-State Capacitance
Rated for International Surge Wave Shapes
Device Symbol
Description
When placed between the xDSL line driver IC and the transformer, this protector will clamp and switch into a low-impedance state,
safely diverting the energy transferred by the xDSL coupling transformer. The low capacitance design makes this device suitable for
designs from ADSL all the way up to 30 MHz VDSL2.
Telecom ports need protection against Common Mode (Longitudinal) and Differential (Metallic) surges, to comply with international
standards such as ITU-T K.20, K.21 or K.45, Telcordia GR-1089-CORE and YD/T. Common Mode surges are resisted by the galvanic
isolation of the coupling transformer which is commonly rated to 2 kV or greater. Differential surges can be transmitted by the
transformer, and can stress the Line Driver Interface IC. As the xDSL interface circuit is designed to operate from 3 kHz to to 30 MHz,
nearby high frequency events - such as cable flashover or primary protection activation - can generate damaging conditions for the
interface requiring this type of protection.
Please contact your Bourns representative if the protection voltage you require is not listed.
How to Order
Device Name
VDRM
V
V(BO)
V
TISP4P015L1N
8
15
TISP4P020L1N
12
20
TISP4P025L1N
16
25
TISP4P035L1N
24
35
Wave Shape
Standard
IPPSM
A
8/20
IEC 61000-4-5
30
10/1000
GR-1089-CORE
18
MD-SOT23-5-001-a
Terminal typical application names
shown in parenthesis.
NU - Non-usable; no external electrical
connection should be made to this terminal.
(Ring)
1
2
34
5)
p
i
T
(
)
p
i
T
(
(Ring)
NU
(Tip)
SD-TISP4-002-a
(Ring)
y
t
i
t
n
a
u
Q
l
e
e
R
e
d
o
C
g
n
i
k
r
a
M
s
A
r
e
d
r
O
r
e
i
r
r
a
C
e
g
a
k
c
a
P
e
c
i
v
e
D
TISP4P0xxL1N
SOT23-5
Embossed Tape Reeled
TISP4P0xxL1NR-S
Pxx
10000
Insert xx corresponding to device name.


Similar Part No. - TISP4P020L1N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4P020L1N BOURNS-TISP4P020L1N Datasheet
368Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
More results

Similar Description - TISP4P020L1N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4C015L1N BOURNS-TISP4C015L1N Datasheet
343Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P035L1NR-S BOURNS-TISP4P035L1NR-S Datasheet
368Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4310T3BJ BOURNS-TISP4310T3BJ_08 Datasheet
353Kb / 5P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4A250H3BJ BOURNS-TISP4A250H3BJ_07 Datasheet
548Kb / 8P
   ASYMMETRICAL-BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4C115H3BJ BOURNS-TISP4C115H3BJ_10 Datasheet
211Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4CXXXH3BJ BOURNS-TISP4CXXXH3BJ Datasheet
182Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com