Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62171EK-3 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP62171EK-3
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62171EK-3 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP62171EK-3 Datasheet HTML 2Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 3Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 4Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 5Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 6Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 7Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 8Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 9Page - Monolithic Power Systems MP62171EK-3 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP62170-3/MP62171-3 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62170-3/MP62171-3 Rev.0.9
www.MonolithicPower.com
6
6/28/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, VEN=0V, VCC=5V, CL=2.2μF, TA=25°C, unless otherwise noted.
VOUT
2V/div.
EN
2V/div.
VOUT
2V/div.
EN
2V/div.
IOUT
1A/div.
IOUT
1A/div.
EN
2V/div.
VOUT
2V/div.
EN
2V/div.
VOUT
2V/div.
VOUT
2V/div.
EN
2V/div.
1ms/div.
1ms/div.
1ms/div.
100us/div.
400us/div.
400us/div.
Short Circuit Current,
Device Enabled into Short
Threshold Trip Current
with Ramped Load
on Enabled Device
2.3
2.4
2.5
2.6
2.7
2.8
2.5 3
3.5 4
4.5 5
5.5
6
INPUT VOLTAGE (V)
Threshold Trip Current vs.
Input Voltage
4
6
8
10
12
2 4 6 8 1012 1416182022242628
PEAK CURRENT (A)
Current Limit Response vs.
Peak Current


Similar Part No. - MP62171EK-3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62171EK-1 MPS-MP62171EK-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
More results

Similar Description - MP62171EK-3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
   3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
   3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
   3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com