Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62180DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP62180DS
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62180DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP62180DS Datasheet HTML 2Page - Monolithic Power Systems MP62180DS Datasheet HTML 3Page - Monolithic Power Systems MP62180DS Datasheet HTML 4Page - Monolithic Power Systems MP62180DS Datasheet HTML 5Page - Monolithic Power Systems MP62180DS Datasheet HTML 6Page - Monolithic Power Systems MP62180DS Datasheet HTML 7Page - Monolithic Power Systems MP62180DS Datasheet HTML 8Page - Monolithic Power Systems MP62180DS Datasheet HTML 9Page - Monolithic Power Systems MP62180DS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP62180/MP62181 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62180_MP62181 Rev. 0.9
www.MonolithicPower.com
6
2/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN =5V, VEN=0V for MP62180 or 5V for MP62181, CL=2.2µF, TA = +25ºC, unless otherwise noted.
Flag
5V/div
VOUT
2V/div
IOUT
1A/div
EN
5V/div
2ms/div
4s/div
Threshold Trip Current with
Ramped Load
on Enabled Device
Ramped Load
on Enabled Device
Short Circuit Current,
Device Enabled into Short
1ms/div
2ms/div
Flag
5V/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
IOUT
1A/div
IOUT
1A/div
IOUT
1A/div
IOUT
2A/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
470uF
220uF
100uF


Similar Part No. - MP62180DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6211DH MPS-MP6211DH Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211DH-3 MPS-MP6211DH-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6211DN MPS-MP6211DN Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
More results

Similar Description - MP62180DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
   3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
   3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com