Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62341DS-1 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP62341DS-1
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62341DS-1 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP62341DS-1 Datasheet HTML 4Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 5Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 6Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 7Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 8Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 9Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 10Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 11Page - Monolithic Power Systems MP62341DS-1 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP62340-1/MP62341-1 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62340-1/MP62341-1 Rev. 0.9
www.MonolithicPower.com
11
11/2/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PACKAGE INFORMATION
MSOP8E (EXPOSED PAD)
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS
IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.004" INCHES MAX.
5) PIN 1 IDENTIFICATION HAS HALF OR FULL CIRCLE OPTION.
6) DRAWING MEETS JEDEC MO-187, VARIATION AA-T.
7) DRAWING IS NOT TO SCALE.
0.030(0.75)
0.037(0.95)
0.043(1.10)MAX
0.002(0.05)
0.006(0.15)
FRONT VIEW
SEATING PLANE
PIN 1 ID
(NOTE 5)
0.114(2.90)
0.122(3.10)
0.187(4.75)
0.199(5.05)
1
4
5
8
0.010(0.25)
0.014(0.35)
0.0256(0.65)BSC
0.114(2.90)
0.122(3.10)
TOP VIEW
0.004(0.10)
0.008(0.20)
SIDE VIEW
GAUGE PLANE
0.010(0.25)
0.016(0.40)
0.026(0.65)
0o-6o
RECOMMENDED LAND PATTERN
0.016(0.40)
0.0256(0.65)BSC
0.100(2.54)
0.181(4.60)
0.075(1.90)
0.040(1.00)
Exposed Pad
BOTTOM VIEW
0.087(2.20)
0.099(2.50)
0.062(1.58)
0.074(1.88)


Similar Part No. - MP62341DS-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62341DS MPS-MP62341DS Datasheet
331Kb / 12P
   3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
More results

Similar Description - MP62341DS-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62350 MPS-MP62350 Datasheet
359Kb / 12P
   3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
MP62340 MPS-MP62340 Datasheet
331Kb / 12P
   3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
   3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62130 MPS-MP62130 Datasheet
420Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
   3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com