Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4080J3BJ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4080J3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4080J3BJ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4080J3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4080J3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4080J3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4080J3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4080J3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4080J3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4080J3BJ Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
JULY 2003 - REVISED NOVEMBER 2013
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
IDRM
Repetitive peak
off-state current
VD = VDRM
TA = 25 °C
TA = 85 °C
±5
±10
µA
V(BO)
AC Breakover voltage
dv/dt = ±250 V/ms, RSOURCE = 300 Ω
‘4070J3BJ
‘4080J3BJ
‘4095J3BJ
‘4115J3BJ
‘4125J3BJ
‘4145J3BJ
‘4165J3BJ
‘4180J3BJ
‘4200J3BJ
‘4219J3BJ
‘4250J3BJ
‘4290J3BJ
‘4350J3BJ
‘4395J3BJ
±70
±80
±95
±115
±125
±145
±165
±180
±200
±219
±250
±290
±350
±395
V
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
g
n
i
t
a
R
Repetitive peak off-state voltage
‘4070J3BJ
‘4080J3BJ
‘4095J3BJ
‘4115J3BJ
‘4125J3BJ
‘4145J3BJ
‘4165J3BJ
‘4180J3BJ
‘4200J3BJ
‘4219J3BJ
‘4250J3BJ
‘4290J3BJ
‘4350J3BJ
‘4395J3BJ
VDRM
±58
±65
±75
±90
±100
±120
±135
±145
±155
±180
±190
±220
±275
±320
V
Non-repetitive peak impulse current (see Notes 1 and 2)
2/10 µs (GR-1089-CORE, 2/10 µs voltage wave shape)
8/20 µs (IEC 61000-4-5, combination wave generator, 1.2/50 µsvoltage wave shape)
10/160 µs (TIA-968-A, 10/160 µs voltage wave shape)
4/250 µs (ITU-T K.20/21, 10/700 µs voltage waveshape, simultaneous)
5/310 µs (ITU-T K.20/21, 10/700 µs voltage wave shape, single)
5/320 µs (TIA-968-A, 9/720 µs voltage waveshape, single)
10/560 µs (TIA-968-A, 10/560 µs voltage wave shape)
10/1000 µs (GR-1089-CORE, 10/1000 µs voltage wave shape)
IPPSM
±1000
±800
±400
±370
±350
±350
±250
±200
A
Non-repetitive peak on-state current (see Notes 1 and 2)
ITSM
50
A
20 ms, 50 Hz (full sine wave)
Initial rate of rise of on-sta
i
d
A
0
5
<
e
u
l
a
v
p
m
a
r
m
u
m
i
x
a
M
.
p
m
a
r
t
n
e
r
r
u
c
r
a
e
n
i
L
.
t
n
e
r
r
u
c
e
t
T/dt
800
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially the device must be in thermal equilibrium with TJ = 25 °C.
2. These non-repetitive rated currents are peak values of either polarity. The surge may be repeated after the device returns to its
initial conditions.
TISP4xxxJ3BJ Overvoltage Protector Series
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)


Similar Part No. - TISP4080J3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4080J1 BOURNS-TISP4080J1 Datasheet
282Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4080J3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com