Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4456 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4456
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4456 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4456 Datasheet HTML 1Page - Monolithic Power Systems MPQ4456 Datasheet HTML 2Page - Monolithic Power Systems MPQ4456 Datasheet HTML 3Page - Monolithic Power Systems MPQ4456 Datasheet HTML 4Page - Monolithic Power Systems MPQ4456 Datasheet HTML 5Page - Monolithic Power Systems MPQ4456 Datasheet HTML 6Page - Monolithic Power Systems MPQ4456 Datasheet HTML 7Page - Monolithic Power Systems MPQ4456 Datasheet HTML 8Page - Monolithic Power Systems MPQ4456 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPQ4456 –INDUSTRIAL GRADE, 1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4456 Rev. 1.0
www.MonolithicPower.com
3
2/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TJ = -40°C to +125°C, unless otherwise noted. Typical values
are at TJ = 25°C.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V < VIN < 36V, Tj=25
0.778
0.796
0.814
V
4.5V < VIN < 36V
0.772
0.820
Feedback Bias Current
IFB
VFB= 0.8V
0.01
1
µA
Upper Switch On Resistance
(5)
RDS(ON)
VBST – VSW = 5V
300
m
Upper Switch Leakage
VEN = 0V, VSW = 0V, VIN = 36V
1
µA
Current Limit
Duty Cycle = 50%
1.2
1.8
2.4
A
COMP to Current Sense
Transconductance
(5)
GCS
3.1
A/V
Error Amp Voltage Gain
(6)
200
V/V
Error Amp Transconductance
ICOMP = ±3 A
25
60
95
A/V
Error Amp Min Source current
VFB = 0.7V
5
A
Error Amp Min Sink current
VFB = 0.9V
–5
A
VIN UVLO Threshold
2.6
3.0
3.4
V
VIN UVLO Hysteresis
400
mV
Soft-Start Time
(5)
0V < VFB < 0.8V
1.5
ms
Oscillator Frequency
fS
RFREQ = 45.3k
1.6
2
2.4
MHz
Shutdown Supply Current
VEN = 0V
12
18
A
Quiescent Supply Current
IQ
No load, VFB = 0.9V
120
160
A
Thermal Shutdown
(5)
150
°C
Thermal Shutdown Hysteresis
(5)
15
°C
Minimum Off Time
(5)
100
ns
Minimum On Time
(5)
80
ns
EN Up Threshold
1.2
1.5
1.8
V
EN Threshold Hysteresis
150
300
450
mV
Note:
5) Derived from bench characterization. Not tested in production.
6) Guaranteed by design. Not tested in production.


Similar Part No. - MPQ4456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458DQT MPS-MPQ4458DQT Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4459DQT MPS-MPQ4459DQT Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
More results

Similar Description - MPQ4456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
   1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
   Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
   1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
   2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
   3.5A, 4MHz, 36V Step-Down Converter
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
   1A, 4MHz, 50V Step-Down Converter
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
logo
Richtek Technology Corp...
RTQ2131B-QA RICHTEK-RTQ2131B-QA Datasheet
427Kb / 28P
   1A, 36V, 2.1MHz Synchronous Step-Down Converter
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com