Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA7SA16 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TLA7SA16
Description  Tektronix PCI Express Logic Protocol Analyzer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7SA16 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TLA7SA16 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 11Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 12Page - List of Unclassifed Manufacturers TLA7SA16 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PCI Express slot interposer probes
General
Characteristic
P67SA01S
P67SA04S
P67SA08S
P67SA16S
Number of differential
pairs
2
8
16
32
Lane width
x1
x4
x8
x16
Recommended use
Recommended for platforms with no midbus footprints and the PCI Express slot is the only probe
access point
Attachment to target
system
PCI Express slot
Probe loading AC/DC
Refer to the Tektronix Logic Protocol Analyzer Solutions for PCI Express 3.0 Instruction manual,
Tektronix part number 077-0400-xx.
Cable length
1.8 m (6 ft.)
Slot interposer probe
recommended configurations
x1
x4
x8
x16
1 P67SA01S
1 TLA7SA08
1 P67SA04S
1 TLA7SA08
1 P67SA08S
1 TLA7SA16
1 P67SA16S
2 TLA7SA16
PCI Express solder down and UHDSMA probes
General
Characteristic
P67SA01SD
P67UHDSMA
Probe type
PCI Express differential solder-down
probe
Probe lead set for PCI Express P67SA00
series probe connections to high-
bandwidth oscilloscopes
Number of differential pairs
1
4
Lane width
1/2 lane
x2
Recommended use
Recommended for platforms with no
midbus footprint, PCI Express slot; or
where space is limited
Recommended for use with any of the
P67SA00 series probe connections to
high-bandwidth oscilloscopes
Attachment to target system
Solder down
-
Probe loading AC/DC
Refer to the Tektronix Logic Protocol
Analyzer Solutions for PCI Express
3.0 Instruction manual, Tektronix part
number 077-0400-xx.
-
Cable length
1.8 m (6 ft.)
0.3 m (1 ft.)
Solder-down probe recommended
configuration
x1
x4
x8
x16
2 P67SA01SD
1 TLA7SA08
8 P67SA01SD
1 TLA7SA08
16 P67SA01SD
1 TLA7SA16
32 P67SA01SD
2 TLA7SA16
TLA7SA00 Logic Protocol Analyzer Datasheet
www.tektronix.com 9


Similar Part No. - TLA7SA16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
More results

Similar Description - TLA7SA16

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
   PCI Express 3.0 Analyzer Module
N8816A KEYSIGHT-N8816A Datasheet
677Kb / 10P
   PCI Express 3.0 Protocol Viewer Software
logo
Silicom Ltd.
PESC62 SILICOM-PESC62 Datasheet
340Kb / 4P
   Security Protocol Processor PCI Express Server Adapter
PE2SFC293 SILICOM-PE2SFC293 Datasheet
354Kb / 4P
   Security Protocol Processor PCI Express Server Adapter
PESC61 SILICOM-PESC61 Datasheet
327Kb / 4P
   Security Protocol Processor PCI Express Server Adapter
PE2S8C62G SILICOM-PE2S8C62G Datasheet
353Kb / 4P
   Security Protocol Processor PCI Express Server Adapter
logo
Keysight Technologies
U4431A KEYSIGHT-U4431A Datasheet
3Mb / 10P
   MIPI M-PHY Protocol Analyzer
logo
Agilent(Hewlett-Packard...
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
List of Unclassifed Man...
USB480 ETC-USB480 Datasheet
561Kb / 2P
   USB 480 Power Protocol Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com