Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

119-7275-XX Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 119-7275-XX
Description  TLA7000 Logic Analyzers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

119-7275-XX Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  119-7275-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 8Page - List of Unclassifed Manufacturers 119-7275-XX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Integrated View (iView) capability
TLA mainframe configuration
requirements
GPIB-iView(Opt. 1C)
USB-iView(Opt. 2C)
Number of Tektronix oscilloscopes
that can be connected to a TLA
system
1
External oscilloscopes supported
More than 100. For a complete listing of current supported oscilloscopes, please visit our website http://www.tektronix.com/iview.
TLA connections
USB, Trigger In, Trigger Out, Clock Out
Oscilloscope connections
GPIB-iView(Opt. 1C)
GPIB, Trigger In, Trigger Out, Clock In (when available)
USB-iView(Opt. 2C)
USB Device Port, Trigger In, Trigger Out
Setup
iViewexternal oscilloscope wizard automates setup.
Data correlation
After oscilloscope acquisition is complete, the data is automatically transferred to the TLA and time correlated with the TLA
acquisition data.
Deskew
The oscilloscope and TLA data is automatically deskewed and time correlated when using the iViewexternal oscilloscope cable.
GPIB-iView(Opt. 1C) External
oscilloscope cable length
2 m (6.6 ft.)
USB-iView(Opt. 2C) External
oscilloscope cable length
2 m (6 ft.)
Symbolic support
Number of symbols/ranges
Unlimited (limited only by amount of virtual memory available on TLA)
Object file formats supported
IEEE695, OMF 51, OMF 86, OMF 166, OMF 286, OMF 386, COFF, Elf/Dwarf 1 and 2, Elf/Stabs, TSF (If your software
development tools do not generate output in one of the above formats, TSF, or the Tektronix symbol file, a generic ASCII file
format is supported. The generic ASCII file format is documented in the TLA online help). If a format is not listed, please contact
your local Tektronix representative.
External instrumentation interface
System Trigger output
Asserted whenever a system trigger occurs (TTL-compatible output, back-terminated into 50 Ω)
System Trigger input
Forces a system trigger when asserted (adjustable threshold between 0.5 V and 1.5 V, edge sensitive, falling-edge latched)
External Signal output
Can be used to drive external circuitry from a module's trigger mechanism (TTL-compatible output, back-terminated into 50 Ω)
External Signal input
Can be used to provide an external signal to arm or trigger any or all modules (adjustable threshold between 0.5 V and 1.5 V, level
sensitive)
Tektronix Logic Analyzers – TLA7000 Series
www.tektronix.com 5


Similar Part No. - 119-7275-XX

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
119-1 HELLERMANNTYTON-119-1 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Heyco.
119-18 HEYCO-119-18 Datasheet
179Kb / 1P
   Full Thickness Male Blades
logo
HellermannTyton.
119-2 HELLERMANNTYTON-119-2 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Marl International Limi...
119-305-04 MARL-119-305-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
119-314-04 MARL-119-314-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 119-7275-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com