Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

119-7054-XX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 119-7054-XX
Description  TLA7000 Logic Analyzers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

119-7054-XX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 119-7054-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 8Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 9Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 10Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 11Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 12Page - List of Unclassifed Manufacturers 119-7054-XX Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
State acquisition with P6800 or P6900 series probes
Channel configurations
Full channel
Half channel
Quarter channel
235 MHz
0 MHz / 450 Mb/s or 470 Mb/s (DDR)
450 MHz / 900 Mb/s
450 MHz Optional
800 MHz / 800 Mb/s or 900 Mb/s (DDR)
625 MHz / 1.25 Gb/s
State record length with Time
stamps
(Quarter/Half/Full channels) 8/4/2 Mb, 32/16/8 Mb, 128/64/32 Mb, 512/256/128 Mb per channel
Setup and Hold time selection
range
From 16 ns before, to 8 ns after clock edge in 125 ps increments. Range may be shifted towards the setup region by 0 ns [+8, -8]
ns, 4 ns [+12, -4] ns, or 8 ns [+16, 0] ns
Setup and Hold window
All channels
625 ps typical
Single channel
500 ps typical
Minimum clock pulse width
500 ps (P6960, P6962, P6964, P6980, P6982, P6860), 700 ps (P6910)
Active clock pulse separation
400 ps
Demux channel selection
Channels can be demultiplexed to other channels through user interface with 8-channel granularity.
Source synchronous clocking
Up to four "Fast Latches" per module (20 max per 5-way merge) to strobe source-synchronous buses into TLA7ACx modules.
Four sets of any predefined "Fast Latches" may be combined with qualification data and data pipelining to store four independent
source-synchronous data buses.
Two "Fast Latches" may be combined to address DDR applications.
Timing acquisition (with P6800 or P6900 probes)
MagniVutiming
125 ps max, adjustments to 250 ps, 500 ps, 1 ns, and 2 ns
MagniVu timing record length
16 Kb per channel, with adjustable trigger position
Deep timing resolution (Quarter/
Half/Full channels)
500 ps / 1 ns / 2 ns to 50 ms
Deep timing resolution with glitch
storage enabled
4 ns to 50 ms
Deep timing record length
(Quarter/Half/Full channels with time stamps and with or without transitional storage)
8/4/2 Mb, 32/16/8 Mb,128/64/32 Mb, 512/256/128 Mb per channel
Deep timing record length with
glitch storage enabled
Half of default main memory depth
Channel-to-channel skew
300 ps typical
Minimum recognizable pulse/glitch
width (single channel)
500 ps (P6960, P6962, P6964, P6980, P6982, P6860), 750 ps (P6910)
Minimum detectable Setup/Hold
violation
250 ps
Minimum recognizable
multichannel Trigger event
Sample period + channel-to-channel skew
Tektronix Logic Analyzers – TLA7000 Series
www.tektronix.com 9


Similar Part No. - 119-7054-XX

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
119-1 HELLERMANNTYTON-119-1 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Heyco.
119-18 HEYCO-119-18 Datasheet
179Kb / 1P
   Full Thickness Male Blades
logo
HellermannTyton.
119-2 HELLERMANNTYTON-119-2 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Marl International Limi...
119-305-04 MARL-119-305-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
119-314-04 MARL-119-314-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 119-7054-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com