Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200-4939-XX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 200-4939-XX
Description  TLA7000 Logic Analyzers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

200-4939-XX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  200-4939-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 8Page - List of Unclassifed Manufacturers 200-4939-XX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Breakthrough solutions for real-time digital
systems analysis
Tektronix provides breakthrough digital systems analysis tools that enable
digital hardware and software designers to capture and analyze the source
of elusive problems that threaten product development schedules. The
TLA7000 Series provides the speed you need to capture the source of
those elusive problems, plus the visibility you want with large displays and
fast system data throughput, while protecting your investment with
compatibility with all TLA modules.
TLA7012 and TLA7016 mainframes
The TLA7012 Portable and TLA7016 Benchtop mainframes are modular
mainframes that accept TLA logic analyzer and pattern generator modules.
The TLA7012 and TLA7016 can be configured as either master or
expansion mainframes to provide solutions for large numbers of buses and
high channel-count requirements.
The TLA7012 Portable Mainframe offers a familiar work environment for the
TLA application software. It provides multiple display capability for
extended desktop viewing, in addition to an internal DVD-RW, hard drive,
and multiple USB ports for expansion. A replaceable hard drive is standard,
ideal for security or enabling individual team members to store personal
setups and data. Trigger in/out connections provide an interface to other
external instrumentation, such as Tektronix oscilloscopes, for correlating
measurement results.
TLA7ACx and TLA7BBx modules
Today's digital design engineers face daily pressures to speed new
products to the marketplace. The TLA7ACx and TLA7BBx Series logic
analyzer modules answer the need with breakthrough solutions for the
entire design team, providing the ability to quickly monitor, capture, and
analyze real-time digital system operation to debug, verify, optimize, and
validate digital systems. Hardware developers, hardware/software
integrators, and embedded software developers will appreciate the range of
capabilities of the TLA7ACx and TLA7BBx Series logic analyzer modules.
Its broad feature set includes capturing and correlating elusive hardware
and software faults; providing simultaneous state, high-speed timing, and
analog analysis through the same probe; using deep state acquisition to
find the cause of complex problems; real-time, nonintrusive software
execution tracing that correlates to source code and to hardware events;
and nonintrusive connectorless probing.
The TLA7BBx Series logic analyzer modules offer breakthrough MagniVu
technology by Tektronix for providing high-speed sampling (up to 50 GHz)
that dramatically changes the way logic analyzers work and enables new
measurement capabilities. The TLA7BBx modules offer high-speed state
synchronous capture, high-speed timing capture, and analog capture
through the same set of probes. They capitalize on MagniVu technology to
offer up to 20 ps timing on all channels, glitch and setup/hold triggering,
and display and time stamp that is always on at up to 20 ps resolution.
To complement the high-performance logic analyzer modules, the
TLA7ACx Series logic analyzer modules offer all the same debug and
verification functionality, but with performance levels more suited to the
embedded designer. The TLA7ACx modules offer high-speed state
synchronous capture, high-speed timing capture, and analog capture
through the same set of probes. MagniVu technology offering up to 125 ps
timing on all channels, glitch and setup/hold triggering, and display and
time stamp that is always on at 125 ps resolution is available as standard
on all models.
Module
Timing resolution State speed
Memory
TLA7ACx
125 ps (8 GHz)
Up to 800 MHz
Up to 128 Mb
TLA7BBx
20 ps (50 GHz)
Up to 1.4 GHz
Up to 64 Mb
P6800 and P6900 series probes
With the industry's lowest capacitance, the P6800 and P6900 Series logic
analyzer probes protect the integrity of your signal - critical for connecting
to fast buses like DDR2 and DDR3 where low intrusion is key to the proper
operation of your design. Select from single-ended and differential probes
and a variety of attachment mechanisms, including the "connectorless"
compression connection that eliminates the need for onboard connectors.
For applications where circuit board space is at a premium, the high-density
P6900 Series with D-Max
® Probing Technology offers the industry's
smallest available footprint. For debugging the signal integrity glitches
common on fast buses, the P6900 Series works with the TLA7BBx and
TLA7ACx modules and their iLinkTool Set capability to provide
iCapturesimultaneous digital-analog acquisition. This allows you to
clearly see the time-correlated digital and analog behavior of your design,
without the extra capacitance and setup time of double-probing.
For differential signaling applications where signal integrity is critical, the
high-fidelity P6980 and P6982 are perfect for those applications where
noise performance is critical. In addition, the P6980 and P6982 can support
the small voltage swings that differential signaling often requires. The
P6962DBL, when used with a TLA7000 Series logic analyzer with the
TLA7BBx module, supports digital validation and debug of DDR3 memory
with data rates up to 1600 mega-transfers per second. For board designs
that do not include high-density probe footprints, the P6960 with its
companion flying leadset provides the flexibility required to meet many
different debug needs.
Datasheet
2 www.tektronix.com


Similar Part No. - 200-4939-XX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
200-458FR RFSOLUTIONS-200-458FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
More results

Similar Description - 200-4939-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com