Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450EZ700-0308-2 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C450EZ700-0308-2
Description  Cree EZ700 Gen II LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450EZ700-0308-2 Datasheet(HTML) 2 Page - Marktech Corporate

  C450EZ700-0308-2 Datasheet HTML 1Page - Marktech Corporate C450EZ700-0308-2 Datasheet HTML 2Page - Marktech Corporate C450EZ700-0308-2 Datasheet HTML 3Page - Marktech Corporate C450EZ700-0308-2 Datasheet HTML 4Page - Marktech Corporate C450EZ700-0308-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2008-2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree
andtheCreelogoareregisteredtrademarks,andEZBright,EZ,andEZ700aretrademarksofCree,Inc.
2
CPR3DW Rev. B
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Note 1
CxxxEZ700-Sxx000-2
DCForwardCurrent
750mA
PeakForwardCurrent
1000mANote3
LEDJunctionTemperature
145°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+120°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 350 mA
Note 2
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5 V), μA]
Full Width Half Max
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ700-Sxx000-2
3.0
3.5
3.9
2
20
C460EZ700-Sxx000-2
3.0
3.5
3.9
2
21
C470EZ700-Sxx000-2
3.0
3.5
3.9
2
22
C527EZ700-Sxx000-2
3.1
3.5
4.0
2
35
Mechanical Specifications
CxxxEZ700-Sxx000-2
Description
Dimension
Tolerance
P-NJunctionArea(μm)
650x650
±35
ChipArea(μm)
680x680
±35
ChipThickness(μm)
170
±25
TopAuBondPad(μm)
150x150
±25
AuBondPadThickness(μm)
3.0
±1.5
BackContactMetalArea(μm)
680x680
±35
BackContactMetalThickness(μm)
3.0
±1.5
Notes:
1. Maximum ratings are package-dependent. The above ratings were determined using a Au-plated TO39 header without an
encapsulantforcharacterization.Ratingsforotherpackagesmaydiffer.Thejunctiontemperatureshouldbecharacterizedina
specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds). See Cree
EZBrightApplicationsNoteforassembly-processinformation.
2. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
and operated at 350 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values
givenarewithintherangeofaverageexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.
All measurements were made using a Au-plated TO39 header without an encapsulant. Optical characteristics measured in an
integratingsphereusingIlluminanceE.
3. This peak forward current specification is based on a 400-ms pulse width at a 1/5-duty cycle with a junction temperature of
65°C.


Similar Part No. - C450EZ700-0308-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ700-0308-2 CREE-C450EZ700-0308-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
More results

Similar Description - C450EZ700-0308-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
EZ700 MARKTECH-EZ700_15 Datasheet
275Kb / 5P
   Gen II LED
EZ600 MARKTECH-EZ600_15 Datasheet
290Kb / 5P
   Gen II LED
EZ400 MARKTECH-EZ400_15 Datasheet
294Kb / 5P
   Gen II LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com