Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805PC102MAT1A Datasheet(PDF) 1 Page - AVX Corporation

Part # 0805PC102MAT1A
Description  Multilayer Ceramic Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805PC102MAT1A Datasheet(HTML) 1 Page - AVX Corporation

  0805PC102MAT1A Datasheet HTML 1Page - AVX Corporation 0805PC102MAT1A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
Tip & Ring
Multilayer Ceramic Chip Capacitors
AVX “Tip & Ring” or “ring detector” Multilayer Ceramic Chip
Capacitors are designed as a standard telecom filter
to block -48 Volts DC telephone line voltage and pass
subscriber’s AC signal pulse (16 to 25Hz, 70 to 90Vrms).
The typical ringing signal is seen on figure on page 101. The
ringer capacitors replace large leaded film capacitors and
are ideal for telecom/modem applications. Using AVX “Tip &
Ring” capacitors not only saves valuable real estate on the
board and reduces the weight of overall product, but also
features standard surface mounting capabilities, so critical to
new and compact designs.
The AVX “Tip & Ring” capacitors are offered in standard
EIA sizes and standard values. They offer excellent high
frequency performance, low ESR and improved temperature
performance over film capacitors.
HOW TO ORDER
1812
P
C
104
K
A
T
1
A
AVX
Voltage
Temp
Capacitance
Capacitance
Test
Packaging
Special
Style
250 VDC
Coefficient
Code
Tolerance
Level
1 = 7" Reel
Code
0805
Telco
X7R
(2 significant
K = ±10%
A = Standard
3 = 13" Reel
A = Standard
1206
Rating
digits + no.
M = ±20%
9 = Bulk
1210
of zeros)
1808
Examples:
1812
1,000 pF = 102
1825
22,000 pF = 223
2220
220,000 pF = 224
2225
1 μF = 105
Style
0805
1206
1210*
1808*
1812*
1825*
2220*
2225*
(L) Length
2.01 ± 0.20
3.20 ± 0.20
3.2 ± 0.20
4.57 ± 0.25
4.50 ± 0.30
4.50 ± 0.30
5.60 ± 0.30
5.60 ± 0.25
(0.079 ± 0.008) (0.126 ± 0.008) (0.126 ± 0.008) (0.180 ± 0.010) (0.177 ± 0.012) (0.177 ± 0.012) (0.220 ± 0.012) (0.220 ± 0.010)
(W)Width
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
2.03 ± 0.25
3.2 ± 0.20
6.34 ± 0.30
5.10 ± 0.40
6.35 ± 0.25
(0.049 ± 0.008) (0.063 ± 0.008) (0.098 ± 0.008) (0.080 ± 0.010) (0.126 ± 0.008) (0.252 ± 0.012) (0.200 ± 0.016) (0.250 ± 0.010)
(T) Thickness
1.30 max.
1.50 max.
1.78 max.
1.78 max.
2.00 max.
2.00max.
2.00 max.
2.00 max.
(0.051 max.)
(0.059 max.)
(0.070 max.)
(0.070 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(t) terminal
0.50 ± 0.25
0.50 ± 0.25
0.50 ± 0.25
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
(0.020 ± 0.010) (0.020 ± 0.010) (0.020 ± 0.010) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015)
DIMENSIONS
millimeters (inches)
*Reflow Soldering Only
Termination
T = Plated
Ni and Sn
(RoHS Compliant)
Z = FLEXITERM®
100% Tin
(RoHS Compliant)
W
L
T
t
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.


Similar Part No. - 0805PC102MAT1A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805PS COILCRAFT-0805PS Datasheet
234Kb / 2P
   Power Chip Inductors
0805PS COILCRAFT-0805PS Datasheet
269Kb / 2P
   Shielded High SRF Inductors
0805PS-102KL COILCRAFT-0805PS-102KL Datasheet
234Kb / 2P
   Power Chip Inductors
0805PS-102KL COILCRAFT-0805PS-102KL Datasheet
269Kb / 2P
   Shielded High SRF Inductors
0805PS-102KLB COILCRAFT-0805PS-102KLB Datasheet
204Kb / 1P
   0805PS Power Chip Inductors 20 values, 6 of each
More results

Similar Description - 0805PC102MAT1A

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com