Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR2432-0317 Datasheet(PDF) 1 Page - Marktech Corporate

Part # C450TR2432-0317
Description  Cree TR2432 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450TR2432-0317 Datasheet(HTML) 1 Page - Marktech Corporate

  C450TR2432-0317 Datasheet HTML 1Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 2Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 3Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 4Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 5Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• RectangularLEDRFPerformance
− 450&460nm–27mWmin.
– 470nm–24mWmin.
– 527nm–9mWmin.
• EpoxyDieAttach
• LowForwardVoltage-3.1VTypicalat20mA
• 1000-VESDThresholdRating
InGaNJunctiononThermallyConductiveSiC
Substrate
APPLICATIONS
• SmallLCDBacklighting–0.8mm,0.6mm&
0.4mmsideviewpackages
− MobileAppliances
− DigitalCameras
− CarNavigationSystems
• MediumLCDBacklighting–0.8mm,0.6mm&
0.4mmsideviewpackages
− PortablePCs
− Monitors
• LEDVideoDisplays
• EntertainmentSystems
Cree® TR2432™ LEDs
Data Sheet
CxxxTR2432-Sxx00
Cree’sTR™LEDsarethenewestgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietarydevicetechnologyandsiliconcarbidesubstratestodeliversuperiorvaluefortheLCDsideview
market.TheTRLEDsareamongthebrightestinthesideviewmarketwhiledeliveringalowforwardvoltageresulting
inaverybrightandhighlyefficientsolutionforthe0.4-mm,0.6-mmand0.8-mmsideviewmarket.Thedesignis
optimally suitedfor industrystandardsideview packagesasit is die attachablewith clearepoxyandhastwo top
contacts,consistentwithindustrystandardpackaging.
CxxxTR2432-Sxx00 Chip Diagram
Top View
Bottom View
Die Cross Section
GoldBondPad
Cathode(-)
90x90μm
TR2432LED
240x320μm
Backside
t=115μm
BottomSurface
140x220μm
GoldBondPad
Anode(+)
90μmDiameter


Similar Part No. - C450TR2432-0317

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2432-0317 CREE-C450TR2432-0317 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
More results

Similar Description - C450TR2432-0317

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR2227-0213 MARKTECH-C450TR2227-0213 Datasheet
389Kb / 5P
   Cree TR2227 LEDs
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
C450EZ1350-S56000-X CREE-C450EZ1350-S56000-X Datasheet
373Kb / 5P
   Cree EZ1350-p LEDs
C450EZ1950-S112000-X CREE-C450EZ1950-S112000-X Datasheet
362Kb / 5P
   Cree EZ1950-p LEDs
C450EZ950-S44000-X CREE-C450EZ950-S44000-X Datasheet
373Kb / 6P
   Cree EZ950-p LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com