Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9058AJJ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9058AJJ
Description  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9058AJJ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9058AJJ Datasheet HTML 3Page - Analog Devices AD9058AJJ Datasheet HTML 4Page - Analog Devices AD9058AJJ Datasheet HTML 5Page - Analog Devices AD9058AJJ Datasheet HTML 6Page - Analog Devices AD9058AJJ Datasheet HTML 7Page - Analog Devices AD9058AJJ Datasheet HTML 8Page - Analog Devices AD9058AJJ Datasheet HTML 9Page - Analog Devices AD9058AJJ Datasheet HTML 10Page - Analog Devices AD9058AJJ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD9058
Rev. E | Page 10
OUTLINE DIMENSIONS
44-Lead Ceramic Leaded Chip Carrier — J-Formed Leads [JLCC]
(J-44)
Dimensions shown in inches and (millimeters)
48-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-48)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
AD9058AJJ
0°C to 70°C
44-Lead JLCC
J-44
AD9058AJJ-REEL
0°C to 70°C
44-Lead JLCC
J-44
AD9058AKJ
0°C to 70°C
44-Lead JLCC
J-44
AD9058ATJ/883B
–55°C to +125°C
44-Lead JLCC
J-44
AD9058AJD
0°C to 70°C
48-Lead SBDIP
D-48
AD9058AKD
0°C to 70°C
48-Lead SBDIP
D-48
AD9058ATD/883B
–55°C to +125°C
48-Lead SBDIP
D-48
1 For AD9058ATJ/883B and AD9058ATD/883B specifications, refer to Analog Devices Military Products Databook.
2 D = Hermetic ceramic DIP package; J = leaded ceramic package.
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
40
29
28
18
17
7
39
PIN 1
TOP VIEW
6
0.662 (16.82)
0.628 (15.95)
SQ
0.700 (17.78)
0.680 (17.27)
SQ
0.050
(1.27)
BSC
0.500 (12.70)
0.492 (12.50)
0.650 (16.51)
0.610 (15.49)
0.023 (0.58)
0.013 (0.33)
0.025 (0.64)
MIN
0.078 (1.98)
0.054 (1.37)
0.135 (3.43)
0.100 (2.54)
0.032 (0.81)
0.020 (0.51)
BOTTOM VIEW
PIN 1 INDEX
0.065 (1.65)
0.040 (1.02)
REF
 45°
3 PLACES
0.020 (0.51)
REF
 45°
48
124
25
0.620 (15.75)
0.590 (14.99)
PIN 1
0.098 (2.49)
MAX
0.005 (0.13)
MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
0.225 (5.72)
MAX
2.424 (63.57) MAX
0.110 (2.79)
0.090 (2.29)
0.630 (16.00)
0.520 (13.21)
0.015 (0.38)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.


Similar Part No. - AD9058AJJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results

Similar Description - AD9058AJJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com