Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460TR2432-0315 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C460TR2432-0315
Description  Cree TR2432 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460TR2432-0315 Datasheet(HTML) 4 Page - Marktech Corporate

  C460TR2432-0315 Datasheet HTML 1Page - Marktech Corporate C460TR2432-0315 Datasheet HTML 2Page - Marktech Corporate C460TR2432-0315 Datasheet HTML 3Page - Marktech Corporate C460TR2432-0315 Datasheet HTML 4Page - Marktech Corporate C460TR2432-0315 Datasheet HTML 5Page - Marktech Corporate C460TR2432-0315 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR2432 are trademarks of Cree, Inc.
4
CPR3DQ Rev B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxTR2432-Sxx00 (continued)
TR 470 nm Kits
TR 527 nm Kits
C470TR2432-S2100
C470TR2432-0313
C470TR2432-0314
C470TR2432-0315
C470TR2432-0316
C470TR2432-0309
C470TR2432-0310
C470TR2432-0311
C470TR2432-0312
C470TR2432-0305
C470TR2432-0306
C470TR2432-0307
C470TR2432-0308
C470TR2432-0301
C470TR2432-0302
C470TR2432-0303
C470TR2432-0304
Dominant Wavelength (nm)
467.5nm
470nm
472.5nm
465nm
475nm
33
30
27
24
C527TR2432-S0700
C527TR2432-0310
C527TR2432-0311
C527TR2432-0312
C527TR2432-0307
C527TR2432-0308
C527TR2432-0309
C527TR2432-0304
C527TR2432-0305
C527TR2432-0306
C527TR2432-0301
C527TR2432-0302
C527TR2432-0303
Dominant Wavelength (nm)
525
530
535
520
15
13
11
9


Similar Part No. - C460TR2432-0315

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460TR2432-0315 CREE-C460TR2432-0315 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
More results

Similar Description - C460TR2432-0315

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR2227-0213 MARKTECH-C450TR2227-0213 Datasheet
389Kb / 5P
   Cree TR2227 LEDs
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
C450EZ1350-S56000-X CREE-C450EZ1350-S56000-X Datasheet
373Kb / 5P
   Cree EZ1350-p LEDs
C450EZ1950-S112000-X CREE-C450EZ1950-S112000-X Datasheet
362Kb / 5P
   Cree EZ1950-p LEDs
C450EZ950-S44000-X CREE-C450EZ950-S44000-X Datasheet
373Kb / 6P
   Cree EZ950-p LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com