Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX695F512H Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC32MX695F512H
Description  High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX695F512H Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC32MX695F512H Datasheet HTML 2Page - Microchip Technology PIC32MX695F512H Datasheet HTML 3Page - Microchip Technology PIC32MX695F512H Datasheet HTML 4Page - Microchip Technology PIC32MX695F512H Datasheet HTML 5Page - Microchip Technology PIC32MX695F512H Datasheet HTML 6Page - Microchip Technology PIC32MX695F512H Datasheet HTML 7Page - Microchip Technology PIC32MX695F512H Datasheet HTML 8Page - Microchip Technology PIC32MX695F512H Datasheet HTML 9Page - Microchip Technology PIC32MX695F512H Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 236 page
background image
PIC32MX5XX/6XX/7XX
DS61156C-page 6
Preliminary
 2010 Microchip Technology Inc.
Pin Diagrams (Continued)
64-Pin QFN
= Pins are up to 5V tolerant
PIC32MX675F512H
PIC32MX695F512H
PIC32MX675F256H
22 23 24 25 26 27 28 29 30 31
40
39
38
37
36
35
34
33
42
41
32
43
17 18 19 20 21
45
44
47
46
48
SOSCI/CN1/RC13
OC1/INT0/RD0
ECOL/AECRSDV/SCL1/IC3/PMCS2/PMA15/INT3/RD10
AERXD0/ETXD2/SS1A/U1BRX/U1ACTS/SDA1/IC2/INT2/RD9
RTCC/AERXD1/ETXD3/IC1/INT1/RD8
ECRS/AEREFCLK/IC4/PMCS1/PMA14/INT4/RD11
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
D+/RG2
VUSB
VBUS
USBID/RF3
D-/RG3
SOSCO/T1CK/CN0/RC14
Vss
ETXEN/PMD5/RE5
ETXD0/PMD6/RE6
ETXD1/PMD7/RE7
SCK2A/U2BTX/U2ARTS/PMA5/CN8/RG6
VDD
AN5/C1IN+/VBUSON/CN7/RB5
AN4/C1IN-/CN6/RB4
AN3/C2IN+/CN5/RB3
AN2/C2IN-/CN4/RB2
SDA2A/SDI2A/U2ARX/PMA4/CN9/RG7
SCL2A/SDO2A/U2ATX/PMA3/CN10/RG8
PGEC1/AN1/VREF-/CVREF-/CN3/RB1
PGED1/AN0/VREF+/CVREF+/PMA6/CN2/RB0
SS2A/U2BRX/U2ACTS/PMA2/CN11/RG9
MCLR
VSS
64 63 62 61 60 59 58 57 56 55
3
4
5
7
8
9
10
11
1
2
6
54
14
15
16
12
13
53 52 51 50 49
Note: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to
VSS externally.


Similar Part No. - PIC32MX695F512H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX695F512H MICROCHIP-PIC32MX695F512H Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX695F512H MICROCHIP-PIC32MX695F512H Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX695F512H MICROCHIP-PIC32MX695F512H Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results

Similar Description - PIC32MX695F512H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX320F032H-40I MICROCHIP-PIC32MX320F032H-40I Datasheet
128Kb / 2P
   CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX460F512L-80I MICROCHIP-PIC32MX460F512L-80I Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX3XX MICROCHIP-PIC32MX3XX_1 Datasheet
4Mb / 208P
   High-Performance, General Purpose and USB 32-bit Flash Microcontrollers
2010
PIC32MX320F032H MICROCHIP-PIC32MX320F032H_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX575F256L-80I MICROCHIP-PIC32MX575F256L-80I Datasheet
98Kb / 3P
   PIC32MX575FXXXX USB, CAN and Ethernet 32-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com