Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C527EZ1000-0204-2 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C527EZ1000-0204-2
Description  Cree EZ1000 Gen II LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527EZ1000-0204-2 Datasheet(HTML) 2 Page - Marktech Corporate

  C527EZ1000-0204-2 Datasheet HTML 1Page - Marktech Corporate C527EZ1000-0204-2 Datasheet HTML 2Page - Marktech Corporate C527EZ1000-0204-2 Datasheet HTML 3Page - Marktech Corporate C527EZ1000-0204-2 Datasheet HTML 4Page - Marktech Corporate C527EZ1000-0204-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andEZBright.EZ1000andEZaretrademarksofCree,Inc.
2
CPR3EC Rev. A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
Fax:+1.919.313.5778
www.cree.com
Maximum Ratings at T
A = 25°C
Note 1, 2 & 3
CxxxEZ1000-Sxx000-2
DCForwardCurrent
1000mA
PeakForwardCurrent(1/10dutycycle@1kHz)
1250mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+125°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 350 mA
Note 2
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ1000-Sxx000-2
2.9
3.2
3.8
2
20
C460EZ1000-Sxx000-2
2.9
3.2
3.8
2
21
C527EZ1000-Sxx000-2
3.0
3.4
4.0
2
35
Mechanical Specifications
CxxxEZ1000-Sxx000-2
Description
Dimensions
Tolerance
P-NJunctionArea(μm)
950x950
±35
ChipArea(μm)
980x980
±35
ChipThickness(μm)
170
±25
TopAuBondPad(μm)-Qty.2
150x150
±25
AuBondPadThickness(μm)
3.0
±1.5
BackContactMetalArea(μm)
980x980
±35
BackContactMetalThickness(μm)
3.0
±1.5
Notes:
1.
Maximumratingsarepackage-dependent.Theaboveratingsweredeterminedusinga3.45x3.45mmSMTpackagewithoutan
encapsulantforcharacterization.Ratingsforotherpackagesmaydiffer.Thejunctiontemperatureshouldbecharacterizedina
specificpackagetodeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).SeeCree
EZBrightApplicationsNoteforassembly-processinformation.
2.
Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat350mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusingaAu-platedTO39headerwithoutanencapsulant.Opticalcharacteristicsweremeasuredinan
integratingsphereusingIlluminanceE.
3.
ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfor
theend-producttobedesignedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinorderto
optimizeproductperformance.
0
200
400
600
800
1000
1200
25
50
75
100
125
150
175
Ambient Temperature (˚C)
Rth j-a = 10 °C/W
Rth j-a = 15 °C/W
Rth j-a = 20 °C/W
Rth j-a = 25 °C/W


Similar Part No. - C527EZ1000-0204-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527EZ1000-0204-2 CREE-C527EZ1000-0204-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
More results

Similar Description - C527EZ1000-0204-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ700-0313-2 MARKTECH-C450EZ700-0313-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com