Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460TR5270-0202 Datasheet(PDF) 5 Page - Marktech Corporate

Part # C460TR5270-0202
Description  TR5270 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460TR5270-0202 Datasheet(HTML) 5 Page - Marktech Corporate

  C460TR5270-0202 Datasheet HTML 1Page - Marktech Corporate C460TR5270-0202 Datasheet HTML 2Page - Marktech Corporate C460TR5270-0202 Datasheet HTML 3Page - Marktech Corporate C460TR5270-0202 Datasheet HTML 4Page - Marktech Corporate C460TR5270-0202 Datasheet HTML 5Page - Marktech Corporate C460TR5270-0202 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR5270aretrademarksofCree,Inc.
5
CPR3ET Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTR5270LEDproduct.Actualcurveswillvaryslightlyforthevarious
radiantfluxanddominantwavelengthbins.
0%
25%
50%
75%
100%
125%
150%
175%
200%
0
62.5
125
187.5
250
Relative Intensity vs. Forward Current
If (mA)
-3
-2
-1
0
1
2
3
0
62.5
125
187.5
250
Wavelength Shift vs. Forward Current
If (mA)
0
25
50
75
100
125
150
175
200
0
1
2
3
4
Forward Current vs. Forward Voltage
Vf (V)
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Relative Light Intensity Vs Junction Temperature
Junction Temperature (°C)
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Dominant Wavelength Shift Vs Junction Temperature
Junction Temperature (°C)
-0.400
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0
25
50
75
100
125
150
Voltage Shift Vs Junction Temperature
Junction Temperature (°C)


Similar Part No. - C460TR5270-0202

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460TR5270-0202 CREE-C460TR5270-0202 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
More results

Similar Description - C460TR5270-0202

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR5270 MARKTECH-TR5270 Datasheet
672Kb / 6P
   TR5270 LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com