Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460MB290-0224 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C460MB290-0224
Description  MegaBright Generation II LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460MB290-0224 Datasheet(HTML) 2 Page - Marktech Corporate

  C460MB290-0224 Datasheet HTML 1Page - Marktech Corporate C460MB290-0224 Datasheet HTML 2Page - Marktech Corporate C460MB290-0224 Datasheet HTML 3Page - Marktech Corporate C460MB290-0224 Datasheet HTML 4Page - Marktech Corporate C460MB290-0224 Datasheet HTML 5Page - Marktech Corporate C460MB290-0224 Datasheet HTML 6Page - Marktech Corporate C460MB290-0224 Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree,
Inc.
2
CPR3CK Rev. C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxMB290-Sxx00
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM)Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E)Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max.
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460MB290-Sxx00
2.9
3.3
3.7
2
21
C470MB290-Sxx00
2.9
3.3
3.7
2
22
C505MB290-S0600
2.9
3.3
3.9
2
30
C527MB290-S0500
2.9
3.3
3.9
2
35
Mechanical Specifications
CxxxMB290-Sxx00
Description
Dimension
Tolerance
P-N Junction Area (μm)
250 x 250
± 25
Top Area (μm)
300 x 300
± 25
Bottom Area (μm)
200 x 200
± 25
Chip Thickness (μm)
250
± 25
Au Bond Pad Diameter (μm)
112
± 20
Au Bond Pad Thickness (μm)
1.2
± 0.5
Backside Metal Diameter (μm)
104
± 20
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The RAET procedure is
performed on each die. The ESD classification of Class 2 is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by the manufacturer in large quantities and are provided for information only.
All measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Dominant wavelength measurements
taken using Illuminance E.
Caution: To obtain optimum output efficiency, the maximum height of die attach epoxy on the side of the chip should not exceed
80 μm.
Specifications are subject to change without notice.
1.
2.
3.
4.
5.


Similar Part No. - C460MB290-0224

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460MB290-SXX00 CREE-C460MB290-SXX00 Datasheet
250Kb / 7P
   MegaBright짰 Generation II LEDs
More results

Similar Description - C460MB290-0224

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290_15 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
MB290 MARKTECH-MB290 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
   Generation II LEDs
C430CB290-S2100 MARKTECH-C430CB290-S2100 Datasheet
356Kb / 4P
   SuperBlue Generation II LEDs
logo
Cree, Inc
CXXXMB290-SXX00 CREE-CXXXMB290-SXX00 Datasheet
250Kb / 7P
   MegaBright짰 Generation II LEDs
C430CB290-S2100 CREE-C430CB290-S2100_16 Datasheet
280Kb / 4P
   SuperBlue Generation II LEDs
logo
Marktech Corporate
C430CB230-S2100 MARKTECH-C430CB230-S2100 Datasheet
347Kb / 4P
   SuperBlue Generation II LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com