Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C4096-95DC Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM27C4096-95DC
Description  4 Megabit (256 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C4096-95DC Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM27C4096-95DC Datasheet HTML 1Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 2Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 3Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 4Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 5Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 6Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 7Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 8Page - Advanced Micro Devices AM27C4096-95DC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Am27C4096
PRODUCT SELECTOR GUIDE
CONNECTION DIAGRAMS
Top View
DIP
PLCC
Notes:
1. JEDEC nomenclature is in parenthesis.
2. Don’t use (DU) for PLCC.
PIN DESIGNATIONS
A0–A17
= Address Inputs
CE# (E#)/
= Chip Enable Input/
PGM#/ (P#)
Program Enable Input
DQ0–DQ15 = Data Input/Outputs
OE# (G#)
= Output Enable Input
VCC
=VCC Supply Voltage
VPP
= Program Voltage Input
VSS
= Ground
LOGIC SYMBOL
Family Part Number
Am27C4096
Speed Options
VCC = 5.0 V ± 5%
-95
-105
-255
VCC = 5.0 V ± 10%
-100
-120
-150
-200
Max Access Time (ns)
90
100
120
150
200
250
CE# (E#) Access (ns)
90
100
120
150
200
250
OE# (G#) Access (ns)
50
50
50
65
75
75
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
A17
A16
A15
A14
A13
A12
A11
A10
A9
VSS
A8
A7
A6
A5
A4
A3
A2
A1
A0
VPP
CE# (E#)/PGM# (P#)
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
VSS
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
OE# (G#)
11408F-2
1 444342
5432
641 40
7
8
9
10
11
12
13
14
15
16
17
A13
A12
A11
A10
A9
VSS
NC
A8
A7
A6
A5
39
38
37
36
35
34
33
32
31
30
29
DQ12
DQ11
DQ10
DQ9
DQ8
VSS
NC
DQ7
DQ6
DQ5
DQ4
23 24 25 26
19 20 21 22
18
27 28
11408F-3
18
16
DQ0–DQ15
A0–A17
CE# (E#)/PGM# (P#)
OE# (G#)
11408F-4


Similar Part No. - AM27C4096-95DC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
   4 Megabit, ROM Compatible CMOS EPROM
More results

Similar Description - AM27C4096-95DC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com