Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR5270-0305-3 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C450TR5270-0305-3
Description  TR5270 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450TR5270-0305-3 Datasheet(HTML) 4 Page - Marktech Corporate

  C450TR5270-0305-3 Datasheet HTML 1Page - Marktech Corporate C450TR5270-0305-3 Datasheet HTML 2Page - Marktech Corporate C450TR5270-0305-3 Datasheet HTML 3Page - Marktech Corporate C450TR5270-0305-3 Datasheet HTML 4Page - Marktech Corporate C450TR5270-0305-3 Datasheet HTML 5Page - Marktech Corporate C450TR5270-0305-3 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR5270aretrademarksofCree,Inc.
4
CPR3ET Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxTR5270-Sxx00
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxTR5270-SxxxxorCxxxTR5270-Sxxxx-3)ordersmaybefilledwithanyorallbins
(CxxxTR5270-xxxxorCXXXTR5270-xxxx-3)containedinthekit.Allradiantfluxanddominantwavelengthvaluesshown
andspecifiedareatIf=120mA.
Note:Theradiant-fluxvaluesabovearerepresentativeofthedieinaCree5-mmlamp.
C450TR5270-S20000 (175-µm thick)
C450TR5270-0209
C450TR5270-0210
C450TR5270-0211
C450TR5270-0212
C450TR5270-0205
C450TR5270-0206
C450TR5270-0207
C450TR5270-0208
Dominant Wavelength (nm)
447.5
450
452.5
445
455
220
200
C460TR5270-S18000 (175-µm thick)
C460TR5270-0205
C460TR5270-0206
C460TR5270-0207
C460TR5270-0208
C460TR5270-0201
C460TR5270-0202
C460TR5270-0203
C460TR5270-0204
Dominant Wavelength (nm)
457.5
460
462.5
455
465
200
180
C450TR5270-S21000-3 (250-µm thick)
C450TR5270-0309-3
C450TR5270-0310-3
C450TR5270-0311-3
C450TR5270-0312-3
C450TR5270-0305-3
C450TR5270-0306-3
C450TR5270-0307-3
C450TR5270-0308-3
Dominant Wavelength (nm)
447.5
450
452.5
445
455
230
210
C460TR5270-S19000-3 (250-µm thick)
C460TR5270-0305-3
C460TR5270-0306-3
C460TR5270-0307-3
C460TR5270-0308-3
C460TR5270-0301-3
C460TR5270-0302-3
C460TR5270-0303-3
C460TR5270-0304-3
Dominant Wavelength (nm)
457.5
460
462.5
455
465
210
190


Similar Part No. - C450TR5270-0305-3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR5270-0305-3 CREE-C450TR5270-0305-3 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
More results

Similar Description - C450TR5270-0305-3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR5270 MARKTECH-TR5270 Datasheet
672Kb / 6P
   TR5270 LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com