Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376388-4 Datasheet(PDF) 42 Page - Tyco Electronics

Part # 3-1376388-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376388-4 Datasheet(HTML) 42 Page - Tyco Electronics

Back Button 3-1376388-4 Datasheet HTML 38Page - Tyco Electronics 3-1376388-4 Datasheet HTML 39Page - Tyco Electronics 3-1376388-4 Datasheet HTML 40Page - Tyco Electronics 3-1376388-4 Datasheet HTML 41Page - Tyco Electronics 3-1376388-4 Datasheet HTML 42Page - Tyco Electronics 3-1376388-4 Datasheet HTML 43Page - Tyco Electronics 3-1376388-4 Datasheet HTML 44Page - Tyco Electronics 3-1376388-4 Datasheet HTML 45Page - Tyco Electronics 3-1376388-4 Datasheet HTML 46Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
176
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Plug or
Cap Housing
Strain Reliefs
IS 408-3320
Related Product Data
Housings— page 174
Technical Documents— pages 169
and 205-206
Number of
A
Insert
Single Wire
Wire Bundle
Part Numbers
Style
Circuits
Dim.
Supplied
Dia. Range
Dia. Range
UL94V-2 Nylon,
UL94V-0 Nylon
Natural Color
Yes
.040-.190
1-640719-0
640713-1
.960
1.02-4.83
2
24.38
No
.200-.350
1-640719-1
640713-2
5.08-8.89
Yes
.040-.190
1-640720-0
640714-1
1.140
1.02-4.83
3
28.96
No
.200-.350
641763-1
641945-1
5.08-8.89
Yes
.040-.190
641775-1
641776-1
1.325
1.02-4.83
In-Line
4
33.65
No
.200-.350
641775-2
641776-2
5.08-8.89
Yes
.040-.190
643030-3
643030-1
1.530
1.02-4.83
5
38.86
No
.200-.350
643030-2
643030-4
5.08-8.89
Yes
.040-.190
643585-1
643313-1
1.780
1.02-4.83
6
45.21
No
.200-.350
643585-2
643313-2
Note 5
5.08-8.89
Yes
.040-.190
——
643314-1
2.280
1.02-4.83
8
56.08
No
.200-.350
643314-2
Note 5
5.08-8.89
6
1.030
Yes
.120-.650
1-640721-0
640715-1
26.16
3.05-16.51
9
1.030
Yes
.120-.650
1-640722-0
640716-1
26.16
3.05-16.51
Matrix
12
1.280
Yes
.150-.750
1-640723-0
640717-1
32.51
3.81-19.05
15
1.530
Yes
.200-.850
1-640724-0
640718-1
38.86
5.08-21.59
Notes:
1. Cable clamping insert comes attached to strain relief. It can be used to provide additional adjustment for small wire
bundles or discarded.
2. Insert to be positioned as shown by dotted lines.
3. Strain relief part number represents one-half of a strain relief. Two strain reliefs required per housing.
4. Must use cap housing adapters when attaching strain reliefs to a cap housing. Two adapters required per housing.
5. Strain reliefs for 6 and 8 circuit In-Line fits plug housings only.
Cap Housing Adapters
These adapters are designed to anchor
the cap housing strain reliefs to the
housings and prevent the strain relief
halves from “drawing in” when the
screws are being torqued down to clamp
the cable.
IS 408-3320
2, 3, 4, 5, 6, 8, 9,
12 and 15 Circuit
(Enclosed)
For All Positions Except 2, 6
and 8 Circuit Cap Housings
For 2 In-Line and 6 Matrix
Circuit Cap Housings Only
UL94V-2 Nylon material,
natural color — 641777-1
UL94V-0 Nylon material—
641778-1
UL94V-2 Nylon material,
natural color — 643182-1
UL94V-0 Nylon material—
643182-2
1.300
[33.02]
1.300
[33.02]
.480
[12.19]
.630
[16.0]
In-Line
Matrix
(2) #6x3/8 Lg Type B
Pan head sheet metal
screws (not supplied)
2 Req’d/Assy.
Note 3
2 Req’d/Assy.
Note 3
Insert
2 Req’d/Assy.
Note 3
Note 2
Note
2
Note 1
.550
[13.97]
.630
[16.0]
(2) #6x5/8 Lg Type B
Pan head sheet metal
screws (not supplied)
Cap Connector
Enclosed Strain
Relief
Adapter
Note 4
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376388-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376388-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com