Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C527RT230-0206 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C527RT230-0206
Description  RazerThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527RT230-0206 Datasheet(HTML) 3 Page - Marktech Corporate

  C527RT230-0206 Datasheet HTML 1Page - Marktech Corporate C527RT230-0206 Datasheet HTML 2Page - Marktech Corporate C527RT230-0206 Datasheet HTML 3Page - Marktech Corporate C527RT230-0206 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and RazerThin are registered trademarks, and RT230 is a trademark of Cree, Inc.
3
CPR3CO Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxRT230-S0200
LED chips are sorted to the radiant flux and dominant wavelength bins shown. Sorted die sheets contain die from
only one bin. Sorted die kit (CxxxRT230-S0200) orders may be filled with any or all bins (CxxxRT230-0xxx) contained
in the kit. All radiant flux values are measured at If = 20 mA and all dominant wavelength values are measured at If =
20 mA.
C460RT230-S0200
C460RT230-0203
C460RT230-0204
C460RT230-0201
C460RT230-0202
455 nm
460 nm
465 nm
6.0 mW
4.0 mW
2.0 mW
Dominant Wavelength
C470RT230-S0200
C470RT230-0203
C470RT230-0204
C470RT230-0201
C470RT230-0202
465 nm
470 nm
475 nm
6.0 mW
4.0 mW
2.0 mW
Dominant Wavelength
C527RT230-S0200
C527RT230-0204
C527RT230-0205
C527RT230-0206
C527RT230-0201
C527RT230-0202
C527RT230-0203
520 nm
525 nm
530 nm
535 nm
4.0 mW
2.5 mW
1.5 mW
Dominant Wavelength
C505RT230-S0200
C505RT230-0205
C505RT230-0206
C505RT230-0203
C505RT230-0204
C505RT230-0201
C505RT230-0202
500 nm
505 nm
510 nm
6.0 mW
4.0 mW
2.5 mW
1.5 mW
Dominant Wavelength


Similar Part No. - C527RT230-0206

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C527RT230-0101 MARKTECH-C527RT230-0101 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0102 MARKTECH-C527RT230-0102 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0103 MARKTECH-C527RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0104 MARKTECH-C527RT230-0104 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0105 MARKTECH-C527RT230-0105 Datasheet
257Kb / 4P
   RazerThin LEDs
More results

Similar Description - C527RT230-0206

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
   RazerThin LEDs
C460RT230-0103 MARKTECH-C460RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0205 MARKTECH-C460RT290-0205 Datasheet
229Kb / 4P
   RazerThin LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0105 MARKTECH-C460RT290-0105 Datasheet
229Kb / 4P
   RazerThin LEDs
C460RT200-0309 MARKTECH-C460RT200-0309 Datasheet
376Kb / 6P
   RazerThin Gen III LEDs
C460RT260-0313 MARKTECH-C460RT260-0313 Datasheet
387Kb / 6P
   RazerThin Gen III LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com