Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82723-A2402-N1 Datasheet(PDF) 8 Page - EPCOS

Part # B82723-A2402-N1
Description  Current-Compensated Ring Core Double Chokes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82723-A2402-N1 Datasheet(HTML) 8 Page - EPCOS

Back Button B82723-A2402-N1 Datasheet HTML 2Page - EPCOS B82723-A2402-N1 Datasheet HTML 3Page - EPCOS B82723-A2402-N1 Datasheet HTML 4Page - EPCOS B82723-A2402-N1 Datasheet HTML 5Page - EPCOS B82723-A2402-N1 Datasheet HTML 6Page - EPCOS B82723-A2402-N1 Datasheet HTML 7Page - EPCOS B82723-A2402-N1 Datasheet HTML 8Page - EPCOS B82723-A2402-N1 Datasheet HTML 9Page - EPCOS B82723-A2402-N1 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
354 04/00
Dimensional drawings and pin configuration
General technical data
For further technical data see page 334. For impedance = f (
f ) see page 356
Characteristics and ordering codes
Rated voltage
VR
250 Vac
Test voltage
VT
1500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Inductance tolerance
± 30 %
Weight
Approx. 50 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ordering code
1
68
590
1050
B82725-J2102-N20
2
18
170
270
B82725-J2202-N20
4
6,8
60
77
B82725-J2402-N20
6
3,9
34
34
B82725-J2602-N20
8
2,7
26
20
B82725-J2802-N20
10
1,8
18
13
B82725-J2103-N22
SSB1384-P
3+0,5
0,2
3_
21,5 max.
17,5±0,2
10
40 max.
B82725-J
Chokes for Power Lines
Current-Compensated Ring Core Double Chokes


Similar Part No. - B82723-A2402-N1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723-A2402-N1 EPCOS-B82723-A2402-N1 Datasheet
280Kb / 10P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82723-A2402-N1 EPCOS-B82723-A2402-N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
B82723-A2402-N1 EPCOS-B82723-A2402-N1 Datasheet
282Kb / 10P
   Chokes for Power Lines
More results

Similar Description - B82723-A2402-N1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com