Electronic Components Datasheet Search |
|
3-1376390-4 Datasheet(PDF) 68 Page - Tyco Electronics |
|
3-1376390-4 Datasheet(HTML) 68 Page - Tyco Electronics |
68 / 98 page 202 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Universal MATE-N-LOK Headers for UMNL II Connectors (Continued) AMP Soft Shell Pin and Socket Connectors 15 Circuit Part No. 194013-1 .80 [20.32] 1.30 [33.02] .25 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] High Current Vertical Pin Headers High Current Universal MATE-N-LOK II Vertical Pin Headers are designed to accept Universal MATE-N-LOK II Plugs with High Current Socket contacts. All housings are polarized in order to allow proper circuit board placement. Eight versions are available from 2 circuit to 15 circuits. Material Housing — UL 94V-0 Nylon Contacts — Copper Alloy Finish — Silver I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Certified by Canadian Standards Association, File No. LR7189 I Passed test by VDE under their Registration Number 3980/Continuous Surveillance Design Objective —108-1594 R R Notes: 1. High Current contacts with Louvertac bands are not intermateable with any other contact. 2. Additional information on connectors is available in AMP High Current Products Catalog 65141. 2 Circuit Part No. 194009-1 6 Circuit Part No. 194002-1 3 Circuit Part No. 194017-1 9 Circuit Part No. 194012-1 4 Circuit Part No. 194010-1 12 Circuit Part No. 194014-1 5 Circuit Part No. 194018-1 .35 [8.89] .55 [13.97] .17 [4.32] .03 [.76] .55 [13.97] .250 [6.35] Typ. .80 [20.32] .55 [13.97] .250 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] .30 [7.62] .80 [20.32] .25 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] .80 [20.32] .80 [20.32] .25 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] .30 [7.62] 1.05 [26.67] .25 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] .80 [20.32] 1.05 [26.67] .25 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] .30 [7.62] 1.30 [33.02] .25 [6.35] Typ. .55 [13.97] .17 [4.32] .03 [.76] |
Similar Part No. - 3-1376390-4 |
|
Similar Description - 3-1376390-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |