Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 86 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 86 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 82Page - Tyco Electronics 3-1376390-4 Datasheet HTML 83Page - Tyco Electronics 3-1376390-4 Datasheet HTML 84Page - Tyco Electronics 3-1376390-4 Datasheet HTML 85Page - Tyco Electronics 3-1376390-4 Datasheet HTML 86Page - Tyco Electronics 3-1376390-4 Datasheet HTML 87Page - Tyco Electronics 3-1376390-4 Datasheet HTML 88Page - Tyco Electronics 3-1376390-4 Datasheet HTML 89Page - Tyco Electronics 3-1376390-4 Datasheet HTML 90Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
220
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Non-Compliant to RoHS Compliant Part Number Cross Reference (Continued)
1-1445089-2
3-1445089-2
1445090-2
2-1445090-2
1445090-3
2-1445090-3
1445090-4
2-1445090-4
1445090-5
2-1445090-5
1445090-6
2-1445090-6
1445090-7
2-1445090-7
1445090-8
2-1445090-8
1445090-9
2-1445090-9
1-1445090-0
3-1445090-0
1-1445090-1
3-1445090-1
1-1445090-2
3-1445090-2
1445091-2
2-1445091-2
1445091-3
2-1445091-3
1445091-4
2-1445091-4
1445091-5
2-1445091-5
1445091-6
2-1445091-6
1445091-7
2-1445091-7
1445091-8
2-1445091-8
1445091-9
2-1445091-9
1-1445091-0
3-1445091-0
1-1445091-1
3-1445091-1
1-1445091-2
3-1445091-2
1445092-2
2-1445092-2
1445092-3
2-1445092-3
1445092-4
2-1445092-4
1445092-5
2-1445092-5
1445092-6
2-1445092-6
1445092-7
2-1445092-7
1445092-8
2-1445092-8
1445092-9
2-1445092-9
1-1445092-0
3-1445092-0
1-1445092-1
3-1445092-1
1-1445092-2
3-1445092-2
1445093-2
2-1445093-2
1445093-3
2-1445093-3
1445093-4
2-1445093-4
1445093-5
2-1445093-5
1445093-6
2-1445093-6
1445093-7
2-1445093-7
1445093-8
2-1445093-8
1445093-9
2-1445093-9
1-1445093-0
3-1445093-0
1-1445093-1
3-1445093-1
1-1445093-2
3-1445093-2
Non-Compliant
RoHS Compliant
Part Number
Part Number
1-1445085-1
3-1445085-1
1-1445085-2
3-1445085-2
1445086-2
2-1445086-2
1445086-3
2-1445086-3
1445086-4
2-1445086-4
1445086-5
2-1445086-5
1445086-6
2-1445086-6
1445086-7
2-1445086-7
1445086-8
2-1445086-8
1445086-9
2-1445086-9
1-1445086-0
3-1445086-0
1-1445086-1
3-1445086-1
1-1445086-2
3-1445086-2
1445087-2
2-1445087-2
1445087-3
2-1445087-3
1445087-4
2-1445087-4
1445087-5
2-1445087-5
1445087-6
2-1445087-6
1445087-7
2-1445087-7
1445087-8
2-1445087-8
1445087-9
2-1445087-9
1-1445087-0
3-1445087-0
1-1445087-1
3-1445087-1
1-1445087-2
3-1445087-2
1445088-2
2-1445088-2
1445088-3
2-1445088-3
1445088-4
2-1445088-4
1445088-5
2-1445088-5
1445088-6
2-1445088-6
1445088-7
2-1445088-7
1445088-8
2-1445088-8
1445088-9
2-1445088-9
1-1445088-0
3-1445088-0
1-1445088-1
3-1445088-1
1-1445088-2
3-1445088-2
1445089-2
2-1445089-2
1445089-3
2-1445089-3
1445089-4
2-1445089-4
1445089-5
2-1445089-5
1445089-6
2-1445089-6
1445089-7
2-1445089-7
1445089-8
2-1445089-8
1445089-9
2-1445089-9
1-1445089-0
3-1445089-0
1-1445089-1
3-1445089-1
Non-Compliant
RoHS Compliant
Part Number
Part Number
1445094-2
2-1445094-2
1445094-3
2-1445094-3
1445094-4
2-1445094-4
1445094-5
2-1445094-5
1445094-6
2-1445094-6
1445094-7
2-1445094-7
1445094-8
2-1445094-8
1445094-9
2-1445094-9
1-1445094-0
3-1445094-0
1-1445094-1
3-1445094-1
1-1445094-2
3-1445094-2
1445095-2
2-1445095-2
1445095-3
2-1445095-3
1445095-4
2-1445095-4
1445095-5
2-1445095-5
1445095-6
2-1445095-6
1445095-7
2-1445095-7
1445095-8
2-1445095-8
1445095-9
2-1445095-9
1-1445095-0
3-1445095-0
1-1445095-1
3-1445095-1
1-1445095-2
3-1445095-2
1445096-2
2-1445096-2
1445096-3
2-1445096-3
1445096-4
2-1445096-4
1445096-5
2-1445096-5
1445096-6
2-1445096-6
1445096-7
2-1445096-7
1445096-8
2-1445096-8
1445096-9
2-1445096-9
1-1445096-0
3-1445096-0
1-1445096-1
3-1445096-1
1-1445096-2
3-1445096-2
1445097-2
2-1445097-2
1445097-3
2-1445097-3
1445097-4
2-1445097-4
1445097-5
2-1445097-5
1445097-6
2-1445097-6
1445097-7
2-1445097-7
1445097-8
2-1445097-8
1445097-9
2-1445097-9
1-1445097-0
3-1445097-0
1-1445097-1
3-1445097-1
1-1445097-2
3-1445097-2
1445098-2
2-1445098-2
Non-Compliant
RoHS Compliant
Part Number
Part Number
1445098-3
2-1445098-3
1445098-4
2-1445098-4
1445098-5
2-1445098-5
1445098-6
2-1445098-6
1445098-7
2-1445098-7
1445098-8
2-1445098-8
1445098-9
2-1445098-9
1-1445098-0
3-1445098-0
1-1445098-1
3-1445098-1
1-1445098-2
3-1445098-2
1445099-2
2-1445099-2
1445099-3
2-1445099-3
1445099-4
2-1445099-4
1445099-5
2-1445099-5
1445099-6
2-1445099-6
1445099-7
2-1445099-7
1445099-8
2-1445099-8
1445099-9
2-1445099-9
1-1445099-0
3-1445099-0
1-1445099-1
3-1445099-1
1-1445099-2
3-1445099-2
1445100-2
2-1445100-2
1445100-3
2-1445100-3
1445100-4
2-1445100-4
1445100-5
2-1445100-5
1445100-6
2-1445100-6
1445100-7
2-1445100-7
1445100-8
2-1445100-8
1445100-9
2-1445100-9
1-1445100-0
3-1445100-0
1-1445100-1
3-1445100-1
1-1445100-2
3-1445100-2
1445101-2
2-1445101-2
1445101-3
2-1445101-3
1445101-4
2-1445101-4
1445101-5
2-1445101-5
1445101-6
2-1445101-6
1445101-7
2-1445101-7
1445101-8
2-1445101-8
1445101-9
2-1445101-9
1-1445101-0
3-1445101-0
1-1445101-1
3-1445101-1
1-1445101-2
3-1445101-2
Non-Compliant
RoHS Compliant
Part Number
Part Number
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com