Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 91 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 91 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 87Page - Tyco Electronics 3-1376390-4 Datasheet HTML 88Page - Tyco Electronics 3-1376390-4 Datasheet HTML 89Page - Tyco Electronics 3-1376390-4 Datasheet HTML 90Page - Tyco Electronics 3-1376390-4 Datasheet HTML 91Page - Tyco Electronics 3-1376390-4 Datasheet HTML 92Page - Tyco Electronics 3-1376390-4 Datasheet HTML 93Page - Tyco Electronics 3-1376390-4 Datasheet HTML 94Page - Tyco Electronics 3-1376390-4 Datasheet HTML 95Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
794358
132
794359
132
794360
133
794369
101
794370
94
794374
85, 92
794380
53, 55
794406
86
794407
86
794412
214
794413
214
794415
132
794418
126,212
794421
126
794423
94
794429
131
794432
85, 90, 104, 107
794448
133
794449
133
794453
130
794454
131
794455
132
794466
128
794467
128
794468
129
794469
129
794470
130
794471
132
794472
133
794484
128
794485
128
794486
129
794487
129
794488
130
794489
130
794490
131
794491
131
794492
132
794493
132
794494
133
794507
133
794508
133
794509
133
794510
133
794511
133
794512
133
794513
133
794514
133
794515
133
794516
133
794526
133
794527
133
794528
133
794529
133
794530
133
794531
133
794532
133
794533
133
794534
133
794535
171
794536
171
794537
171
Part No.
Page
794538
171
794540
128
794542
127
794543
128
794545
171
794546
171
794550
127
794576
121, 206
794577
127
794578
121, 206
794579
127
794588
133
794589
133
794590
133
794594
127
794598
127
794606
19-22, 211
794606
20
794607
19-22, 211
794608
19, 22, 211
794609
19, 22, 211
794610
19-22
794610
20
794611
19-22
794611
20
794612
19, 22
794613
19, 22
794615
19, 28
794616
19, 27
794617
19, 21, 24, 34-37,
43-47
794618
21, 44
794619
21, 44
794620
21, 44
794621
21, 46
794622
21, 46
794623
21, 46
794624
21, 45
794625
21, 45
794626
21, 45
794627
21, 47
794628
21, 47
794629
21, 47
794630
21, 34
794631
21, 34
794632
21, 34
794633
21, 36
794634
21, 36
794635
21, 36
794636
21, 37
794637
21, 37
794638
21, 37
794657
126
794677
21, 43
794678
21, 43
794679
21, 43
794680
21, 35
794681
21, 35
794682
21, 35
794683
167
794699
167
794700
166
Part No.
Page
794707
171
794714
177
794715
177
794716
177
794727
171
794758
96
794760
177
794761
177
794762
177
794772
96
794772
97
794781
85, 96
794781
97
794805
85, 96
794805
97
794814
171
794815
171
794821
85, 96
794821
97
794824
96
794824
97
794851
171
794863
171
794894
85, 96
794894
97
794895
85, 96
794896
85, 96
794899
171
794900
171
794901
171
794911
191
794912
191
794939
85, 96
794940
85, 96
794941
85, 96
794942
85, 96
794953
122
794954
122
794955
114, 206
794956
114, 206
794957
114, 206
794958
114, 206
794991
180
794992
180
794993
180
794994
180
794995
96
797607
20
917353
61, 81
917354
61, 76-77
917683
12-13, 205
917684
12-13, 205
917686
10, 12-13
917687
10, 12-13
917688
10, 12-13
917689
10, 12-13
917690
10, 12-13
917691
10, 12-13
917692
10, 12-13
917693
10, 12-13
917694
10, 12-13
917695
10, 12-13
Part No.
Page
917696
10, 12-13
917697
10, 12-13
917698
10, 12
917699
10, 12
917700
10, 12
917701
10, 12
917702
10, 12
917703
10, 12
917704
10, 12
917705
10, 12
917706
10, 12
917707
10, 12
917708
10, 12
917709
10, 12
917722
10, 16
917723
10, 16
917724
10, 16
917725
10, 16
917726
10, 16
917727
10, 16
917728
10, 16
917729
10, 16
917730
10, 16
917731
10, 16
917732
10, 16
917733
10, 16
917745
61, 79
917746
79
917747
80
917764
12, 14, 205
917765
12, 14, 205
917780
10, 15
917781
10, 15
917782
10, 15
917783
10, 15
917784
10, 15
917785
10, 15
917786
10, 15
917787
10, 15
917788
10, 15
917789
10, 15
917790
10, 15
917791
10, 15
917845
61,73
917894
15
917895
15
917896
15
917897
15
917898
15
917899
15
917900
15
926302
171, 174
926307
171, 174
926308
171, 174
926309
171, 174
1375618
126-127
1376294
136
1376347
137, 212
1376348
137, 212
1376382
136, 138, 140
1376383
136, 138, 140
1376384
136, 138, 140
Part No.
Page
225
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Part Number Index (Continued)
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com