Electronic Components Datasheet Search |
|
3-1376390-4 Datasheet(PDF) 25 Page - Tyco Electronics |
|
3-1376390-4 Datasheet(HTML) 25 Page - Tyco Electronics |
25 / 98 page 159 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Commercial MATE-N-LOK Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Housings Panel Mount, Positive Lock Material Housing —Nylon, natural color Flammability Rating —UL94V-2 Related Product Data Product Specification 108-1000 Commercial MATE-N-LOK Connectors Performance Characteristics— pages 151-152 Contacts—pages 155-156 Commoning Tabs—page 155 Keying Plug—page 156 Technical Documents—pages 151 and 205-206 Mating Socket Headers—page 162 Mating IDC—page 163 Recommended Panel Cutout for Panel Mount Socket Housing View is from socket housing entry side Mounting Information 1. Recommended panel thickness— .025-.065 [.635-1.65]. 2. Both locking legs are to be squeezed together and the hous- ing is to be inserted “straight-in”, as opposed to a rocking manner. 3. The panel should be punched so that the housing enters the panel in the same direction as the punch. 4. The panel must not have any material (paint, porcelain, etc.) applied in the mounting hole area that would decrease the retention of the housing in the panel. 5. If the two items above are not complied with, the “A” dimension should be reduced .020 [5.08] for proper retention. 3 and 4 Circuit, In-Line 3 and 4 Circuit, In-Line 6, 9, 12 and 15 Circuit, Matrix Pin Housing (Cap) Socket Housing (Plug) Number of Dimensions Part Numbers Circuits EF G Pin Housing (Cap) Socket Housing (Plug) 3 .325 .810 .630 1-480305-02 1-480304-0 8.26 20.57 16.00 4 .330 1.010 .825 1-480426-02,4 1-480425-04 8.38 25.65 20.96 3-480426-01,2,4 3-480425-01,4 6— .665 .555 1-480276-03 1-480273-0 16.89 14.10 9— .905 .795 1-480277-03 1-480274-0 22.99 20.19 12 — 1.145 1.045 1-480278-03 1-480275-0 29.08 26.54 15 — 1.382 1.280 1-480324-03 1-480323-0 35.10 32.51 1 Housing material has 125°C temperature rating 2 Detent lock 3 Positive lock 4 Used by disk drive industry Note: All part numbers are RoHS Compliant. Number Dimensions Circuits AB 3 .890 .645–.635 22.61 16.38–16.13 4 1.100 .845–.835 27.94 21.46–21.21 6 .840 .575–.570 21.34 14.61–14.48 9 1.075 .815–.810 27.31 20.70–20.57 12 1.320 1.055–1.050 33.53 26.80–26.67 15 1.550 1.290–1.285 39.37 32.77–32.64 Note: Dimensions “C” and “D” are to be equal. 6, 9, 12 and 15 Circuit, Matrix .200 [5.08] .240 [6.09] .202 [5.130] .930 [23.62] .930 [23.62] .850 [21.59] .850 [21.59] .850 [21.59] .650 [16.51] .310 [7.87] E F F G G .215 [5.46] .015 [.381] All Corners .275 [6.98] A A B B C C D D .660 [16.76] .219 [5.56] .218 [5.54] R Max. .015 [.381] All Corners R Max. Pin Housing (Cap) Socket Housing (Plug) |
Similar Part No. - 3-1376390-4 |
|
Similar Description - 3-1376390-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |