Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 44Page - Tyco Electronics 3-1376390-4 Datasheet HTML 45Page - Tyco Electronics 3-1376390-4 Datasheet HTML 46Page - Tyco Electronics 3-1376390-4 Datasheet HTML 47Page - Tyco Electronics 3-1376390-4 Datasheet HTML 48Page - Tyco Electronics 3-1376390-4 Datasheet HTML 49Page - Tyco Electronics 3-1376390-4 Datasheet HTML 50Page - Tyco Electronics 3-1376390-4 Datasheet HTML 51Page - Tyco Electronics 3-1376390-4 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
182
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Universal MATE-N-LOK Connectors
PC Board Vertical
Pin Headers
.250 [6.35] Centerline spacing
Material
Housing —
UL94V-2 Nylon, natural color
UL94V-0 Nylon
Contacts — Phosphor bronze
Solder tail diameter .062 [1.57]
Related Product Data
Product Specification
108-1053 Universal MATE-N-LOK
PC Board Headers
Performance Characteristics—
pages 169-170
Recommended PC Board Hole
Layout— page 184
Technical Documents— pages 169
and 205-206
Mating Connectors
Universal MATE-N-LOK
Plug Housings — page 174
Universal MATE-N-LOK II
Plug Housings — pages 193-194
Mates with Plug
Pin Header Part Numbers
Housing Part Number
Number of
A
Flammability
Pin
Standard
Standard Tail
(Using Socket Contacts)
Circuits
Dim.
Rating
Finish
Tail2
Polarized2
Long Tail3
Universal
Universal
MATE-N-LOK MATE-N-LOK II
UL94V-2
Pre-tin
350428-1
641963-1
350582-1
1-480698-0
Duplex1
350428-4
641963-3
350582-4
2
.550
Pre-tin
350786-1
641964-1
350787-1
13.97
UL94V-0
1-641964-14
350777-1
770017-1
Duplex1
350786-3
641964-3
350787-3
UL94V-2
Pre-tin
350429-1
641965-1
350583-1
1-480700-0
Duplex1
350429-4
350583-4
3
.800
Pre-tin
350789-1
641966-1
350790-1
20.32
UL94V-0
1-641966-14
350766-1
770018-1
Duplex1
350789-3
350790-3
Pre-tin
350430-1
641967-1
350584-1
UL94V-2
Pre-tin
770351-15
1-480702-0
4
1.050
Duplex1
350430-4
350584-4
26.67
UL94V-0
Pre-tin
350792-1
641968-1
350793-1
350779-1
770019-1
Duplex1
350792-3
350793-3
UL94V-2
Pre-tin
640466-1
643405-1
1-480763-0
5
1.300
Duplex1
640466-3
——
33.02
UL94V-0
Pre-tin
640900-1
643406-1
350809-1
770016-1
Duplex1
640900-3
——
6
1.550
UL94V-2
Pre-tin
641832-1
643407-1
640585-1
39.37
UL94V-0
Pre-tin
641831-1
643408-1
640581-1
2.050
UL94V-2
Pre-tin
641825-1
770143-1
640586-1
8
UL94V-0
Pre-tin
641828-1
643410-1
770272-1
640582-1
52.07
UL94V-0 Duplex1
643410-3
770272-3
——
Mates with Plug
Pin Header Part Numbers
Housing Part Number
Number of
A
Flammability
Pin
Standard
Standard Tail
(Using Socket Contacts)
Circuits
Dim.
Rating
Finish
Tail2
Polarized2
Long Tail3
Universal
Universal
MATE-N-LOK MATE-N-LOK II
Pre-tin
350431-1
641969-1
350585-1
UL94V-2
643749-15
1-480704-0
6
.550
Duplex1
350431-4
350585-4
13.97
Pre-tin
350711-1
641970-1
350732-1
UL94V-0
1-641970-14
350715-1
770020-1
Duplex1
350711-4
641970-3
350732-4
UL94V-2
Pre-tin
350432-1
641971-1
350586-1
1-480706-0
.800
Duplex1
350432-4
641971-3
350586-4
9
20.32
Pre-tin
350712-1
641972-1
350742-1
UL94V-0
1-641972-14
350720-1
770021-1
Duplex1
350712-4
641972-3
350742-4
UL94V-2
Pre-tin
350433-1
641973-1
350587-1
1-480708-0
Duplex1
350433-4
350587-4
12
1.050
Pre-tin
350713-1
641974-1
350737-1
26.67
UL94V-0
1-641974-14
350735-1
770022-1
Duplex1
350713-4
641974-3
350737-4
UL94V-2
Pre-tin
350434-1
641975-1
350588-1
1-480710-0
15
1.300
Duplex1
350434-4
350588-4
33.02
UL94V-0
Pre-tin
350714-1
641976-1
350738-1
350736-1
770023-1
Duplex1
350714-4
641976-4
350738-4
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over .000050
[.00127] min. nickel underplate on entire contact.
2
Use Standard Tail for .062 [1.57] thick PC Board.
3
Use Long Tail for .125 [3.18] thick PC Board.
4
Black in color.
5
No drain holes, used w/ seals, page 180.
Note: All part numbers are RoHS Compliant.
.175 Standard Tail
[4.45]
.235 Long Tail
[5.97]
.300
[7.62]
.550
[13.97]
.175 Standard Tail
[4.45]
.235 Long Tail
[5.97]
.800
[20.32]
2, 3, 4, 5, 6 and 8
Circuit, In-Line
6, 9, 12 and 15
Circuit, Matrix
Polarizing
feature
Polarizing
feature
.550
[13.97]
Note: Header Housings on pages
182-185 are available in colors
listed on page 188. Call Technical
Support for exact Part Numbers.


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com