Electronic Components Datasheet Search |
|
3-1376390-4 Datasheet(PDF) 50 Page - Tyco Electronics |
|
3-1376390-4 Datasheet(HTML) 50 Page - Tyco Electronics |
50 / 98 page 184 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Universal MATE-N-LOK Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Recommended PC Board Hole Layouts for Pin and Socket Vertical Headers Related Product Data Vertical Headers—pages 182-183 8 Circuit 6 Circuit 5 Circuit 4 Circuit 3 Circuit 2 Circuit olarizing Hole See Note No. 1 Position .250 [6.35] Typ. Dia. Typ. .070 [1.78] .175 [4.45] 2, 3, 4, 5, 6 and 8 Circuit, In-Line 6, 9, 12 and 15 Circuit, Matrix Polarizing Hole See Note .250 [6.35] Typ. .250 [6.35] Typ. No. 1 Circuit No. 2 Circuit Polarizing Hole See Note .070 [1.78] Dia. Typ. .175 [4.45] .250 [6.35] Typ. .250 [6.35] Typ. No. 1 Circuit No. 2 Circuit 250 .35] Typ. No. 1 Circuit No. 2 Circuit Polarizing Hole See Note .250 [6.35] Typ. No. 1 Circuit No. 2 Circuit Polarizing Hole See Note .250 [6.35] Typ. .250 [6.35] Typ. .175 [4.45] .070 [1.78] Dia. Typ. .070 [1.78] Dia. Typ. .175 [4.45] .175 [4.45] .070 [1.78] Dia. Typ. Note: Polarizing hole .070 [1.78] Dia. required for polarized headers only. PC Board Vertical Pin Headers with ACTION PIN Contacts Material and Finish Housing — PBT, black Flammability Rating — UL94V-0 Contacts — Copper alloy, plated with tin over nickel on entire contact Related Product Data Performance Characteristics— pages 169-170 Technical Documents — pages 169 and 205-206 Product Specification 108-5222 ACTION PIN Universal MATE-N-LOK Header Assembly Mating Connectors Universal MATE-N-LOK Plug Housings — page 174 Universal MATE-N-LOK II Plug Housings — pages 193-194 .299 [7.59] Typ. A .250 [6.35] .200 [5.08 ] ± .004 ± 0.10 .630 [16.00] Max. Recommended PC Board Hole Layout 2 Circuit 3 Circuit 4 Circuit .062 [1.57] Ref. PC Board Hole Dimensions .100 [2.54 ] ± .004 ± 0.10 .200 [5.08 ] ± .004 ± 0.10 Dia. After Reflow .032 [0.81 ] ± .002 ± 0.05 .038 [0.97 ] ± .001 ± 0.03 .0003-.0012 [0.01-0.03] .001-.003 [0.03-0.08] Mates with Plug Housing Number of Part Number (Using Socket Contacts) Circuits A Dim. Part Number Universal Universal MATE-N-LOK MATE-N-LOK II 2 .750 173924-1 1-480698-0 770017-1 19.05 350777-1 3 1.000 173925-1 1-480700-0 770018-1 25.40 350766-1 4 1.250 173926-1 1-480702-0 770019-1 31.75 350779-1 Note: Install in PC Board with arbor tool. Note: All part numbers are RoHS Compliant. Note: Header Housings on pages 182-185 are available in colors listed on page 188. Call Technical Support for exact Part Numbers. |
Similar Part No. - 3-1376390-4 |
|
Similar Description - 3-1376390-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |