Electronic Components Datasheet Search |
|
3-1376390-4 Datasheet(PDF) 62 Page - Tyco Electronics |
|
3-1376390-4 Datasheet(HTML) 62 Page - Tyco Electronics |
62 / 98 page 196 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Universal MATE-N-LOK II Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Plug or Cap Housing Strain Reliefs IS 408-3320 Material — Nylon Flammability Rating — UL 94V-0 Keying Plug IS 408-3200 Related Product Data Housings— pages 193-194 Technical Documents— pages 189 and 205-206 (2) #6x3/8 Lg. Type B Pan head sheet metal screws (not supplied) Insert Note 2 2 Req’d/Assy. Note 3 1.300 [33.02] A (2) #6x3/8 Lg. Type B Pan head sheet metal screws (not supplied) Insert Note 2 2 Req’d/Assy. Note 3 1.300 [33.02] A 2, 3, 4, 5, 6, 9, 12 and 15 Circuit (Enclosed) .940 [23.88] .130 [3.30] Style Number of A Insert Single Wire Wire Bundle Strain Relief Circuits Dim. Supplied Dia. Range Dia. Range Part Numbers Yes .040 – .190 — 640713-1 2 .960 1.02 – 4.83 24.38 No — .200 – .350 640713-2 5.08 – 8.89 Yes .040 – .190 — 640714-1 3 1.140 1.02 – 4.83 28.96 No — .200 – .350 641945-1 In-Line 5.08 – 8.89 Yes .040 – .190 — 641776-1 4 1.340 1.02 – 4.83 34.04 No — .200 – .350 641776-2 5.08 – 8.89 Yes .040 – .190 — 643030-1 5 1.530 1.02 – 4.83 38.86 No — .200 – .350 643030-4 5.08 – 8.89 6 1.030 Yes — .120 – .650 640715-1 26.16 3.05 – 16.51 9 1.030 Yes — .120 – .650 640716-1 Matrix 26.16 3.05 – 16.51 12 1.280 Yes — .150 – .750 640717-1 32.51 3.81 – 19.05 15 1.530 Yes — .200 – .850 640718-1 38.86 5.08 – 21.59 Notes: 1. Insert comes attached to strain relief. It can be used to provide additional adjustment for small wire bundles or discarded. 2. Insert to be positioned as shown by dotted lines. 3. Strain relief part number represents one-half of a strain relief. Two of a part number are required for one connector. Part Number UL94V-0 Nylon material — 770377-1 In-Line Matrix Note: All part numbers are RoHS Compliant. |
Similar Part No. - 3-1376390-4 |
|
Similar Description - 3-1376390-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |