Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1825059-0 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 3-1825059-0
Description  DIP Switches - GD Series, High Feature Line
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1825059-0 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 3-1825059-0 Datasheet HTML 6Page - Tyco Electronics 3-1825059-0 Datasheet HTML 7Page - Tyco Electronics 3-1825059-0 Datasheet HTML 8Page - Tyco Electronics 3-1825059-0 Datasheet HTML 9Page - Tyco Electronics 3-1825059-0 Datasheet HTML 10Page - Tyco Electronics 3-1825059-0 Datasheet HTML 11Page - Tyco Electronics 3-1825059-0 Datasheet HTML 12Page - Tyco Electronics 3-1825059-0 Datasheet HTML 13Page - Tyco Electronics 3-1825059-0 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
9
Switches
Toggle Switches
Gemini Series AE
I Miniature toggle switch
sealed
I Meets requirements of IP67
1 or 2
Break before Make
right angle and vertical right angle
2 or 3
THT, Wire lug, Quick connect,
Wire wrap, Support brackets
different lenghts, round, flat;
rocker style
2A@250 Vac
30,000 ops.
-30…+85°C
12.7 x 6.6…11.4 x 10.3 mm
Bulk
Gemini Series A
I Miniature toggle switch
1 or 2
Break before Make
right angle and vertical right angle
2 or 3
THT, Wire lug, Quick connect,
Wire wrap, Support brackets;
Various bushings versions
different lenghts, round, flat,
locking; rocker style
2 A @ 250 Vac
40,000 ops.
-30…+85°C
12.7 x 6.9…16.8 x 10.4 mm
Bulk
TST Series
I Sub miniature toggle switch
I Sealed
1
Break before Make
Yes
2 or 3
THT
Various lenghts
20 mA @ 20 Vac/dc
80,000 ops.
-30…+85°C
8.1 x 5.0 x 9.1 mm
Bulk
MT Series
I Toggle switch
up to 4
Break before Make
right angle and vertical right angle
2 or 3
THT, Wire lug
Lenghts, round, flat, Mustang,
splash proof bat actuator,
locking, decorative bat actuator
3 A @ 250 Vac,4 A @ 28 Vdc
80,000 ops.
-20…+85°C
13 x 8…22.5 x 11.5 mm
Bulk
TT Series
I Sub miniature toggle switch
I Boot seal available
up to 4
Break before Make
right angle and vertical right angle
2 or 3
THT, Wire lug, Wire wrap;
Various bushings versions
Various lengths,
round, flat, locking
Gold: 20 mA @ 20 Vdc
Silver (2pos): 3A@125Vac, 28Vdc
Silver (3pos): 2A@125Vac, 28Vdc
60,000 ops.
-30…+85°C
8.1 x 6 x 8.8...15.7 mm
Bulk
Toggles
Number of poles
Contact timing
Right angle versions
Standard number of positions
Terminals / Mounting style
Actuator style
Contact rating
Electrical endurance
Operating temperature range
Dimensions case (LxWxH)
Packaging
Toggles
Number of poles
Contact timing
Right angle versions
Standard number of positions
Terminals / Mounting style
Actuator style
Contact rating
Electrical endurance
Operating temperature range
Dimensions case (LxWxH)
Packaging


Similar Part No. - 3-1825059-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
More results

Similar Description - 3-1825059-0

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX19 GREATECS-DX19 Datasheet
209Kb / 1P
   Single In Line DIP Switches (SIP Switches)
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
4-435626-4 MACOM-4-435626-4 Datasheet
6Mb / 326P
   DIP Switches
logo
CTS Corporation
CT2062-ND CTS-CT2062-ND Datasheet
328Kb / 1P
   DIP Switches
logo
Tyco Electronics
MPA206N MACOM-MPA206N Datasheet
6Mb / 326P
   DIP Switches
7000 MACOM-7000 Datasheet
257Kb / 6P
   DIP Switches
logo
E-SWITCH
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com