Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C64-120DC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM27C64-120DC
Description  64 Kilobit (8 K x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C64-120DC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM27C64-120DC Datasheet HTML 4Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 5Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 6Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 7Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 8Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 9Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 10Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 11Page - Advanced Micro Devices AM27C64-120DC Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Am27C64
DC CHARACTERISTICS over operating range (unless otherwise specified)
Caution: The device must not be removed from (or inserted into) a socket when VCC or VPP is applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP..
2. ICC1 is tested with OE# = VIH to simulate open outputs.
3. Minimum DC Input Voltage is –0.5 V. During transitions, the inputs may overshoot to –2.0 V for periods less than 20 ns.
Maximum DC Voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods less than 20 ns.
Figure 1.
Typical Supply Current vs. Frequency
VCC = 5.5 V, T = 25°C
Figure 2.
Typical Supply Current vs. Temperature
VCC = 5.5 V, f = 10 MHz
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –400 µA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.45
V
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
–0.5
+0.8
V
ILI
Input Load Current
VIN = 0 V to VCC
1.0
µA
ILO
Output Leakage Current
VOUT = 0 V to VCC
C/I Devices
1.0
µA
E Devices
5.0
ICC1
VCC Active Current (Note 2)
CE# = VIL, f = 10 MHz,
IOUT = 0 mA
25
mA
ICC2
VCC TTL Standby Current
CE# = VIH
1.0
mA
ICC3
VCC CMOS Standby Current
CE# = VCC ± 0.3 V
100
µA
IPP1
VPP Supply Current (Read)
CE# = OE# = VIL, VPP = VCC
100
µA
11419E-5
12
3
4
5
6
789
10
30
25
20
15
10
Frequency in MHz
11419E-6
–75 –50 –55
0
25
50
75 100 125 150
30
25
20
15
10
Temperature in
°C


Similar Part No. - AM27C64-120DC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120 AMD-AM27C010-120 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010-120DC ROCHESTER-AM27C010-120DC Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120DC5 AMD-AM27C010-120DC5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C64-120DC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
   128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com