Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8M Datasheet(PDF) 1 Page - America Semiconductor, LLC

Part # GBU8M
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

GBU8M Datasheet(HTML) 1 Page - America Semiconductor, LLC

  GBU8M Datasheet HTML 1Page - America Semiconductor, LLC GBU8M Datasheet HTML 2Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - GBU8M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBU8M GE-GBU8M Datasheet
80Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
GBU8M DIOTEC-GBU8M Datasheet
158Kb / 2P
   Single Phase Bridge Rectifier
logo
Vishay Siliconix
GBU8M VISHAY-GBU8M Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 21-Jan-08
logo
Rugao Dachang Electroni...
GBU8M DACHANG-GBU8M Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
logo
Diotec Semiconductor
GBU8M DIOTEC-GBU8M Datasheet
231Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - GBU8M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com