Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A019507 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A019507
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A019507 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  A019507 Datasheet HTML 1Page - List of Unclassifed Manufacturers A019507 Datasheet HTML 2Page - List of Unclassifed Manufacturers A019507 Datasheet HTML 3Page - List of Unclassifed Manufacturers A019507 Datasheet HTML 4Page - List of Unclassifed Manufacturers A019507 Datasheet HTML 5Page - List of Unclassifed Manufacturers A019507 Datasheet HTML 6Page - List of Unclassifed Manufacturers A019507 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.apem.com
(.020)
(.709)
(.110)
(.709)
0.50
18.00
2.80
18.00
C
D
OPTION : SP3 VERSION
3
1
2
•ProminentØ24mm(.944)oroptionalØ40mm(1.575)dia.mushroomactuators
•Momentaryandmaintainedfunctions.Momentaryfunctionversionsareunmarked,
maintainedfunctionversionsaretwistrelease(arrowsindicatedirectionoftwist)
•Variouscolouredmushroomactuatorsareavailable
A01 SERIES
MUSHROOM HEAD PUSHBUTTON SWITCHES
Panel cut‑out Ø16 (.630)
1
2
12
Actuator
Description
PartNo
24mmØ
BlackMomentary
A01MMA
24mmØ
RedMomentary
A01MMB
24mmØ
YellowMomentary
A01MMD
24mmØ
GreenMomentary
A01MME
24mmØ
BlueMomentary
A01MMF
24mmØ
BlackMaintained
A01MXA
24mmØ
RedMaintained
A01MXB
24mmØ
YellowMaintained
A01MXD
24mmØ
GreenMaintained
A01MXE
24mmØ
BlueMaintained
A01MXF
40mmØ
BlackMomentary
A01MMASP3
40mmØ
RedMomentary
A01MMBSP3
40mmØ
YellowMomentary
A01MMDSP3
40mmØ
GreenMomentary
A01MMESP3
40mmØ
BlueMomentary
A01MMFSP3
40mmØ
BlackMaintained
A01MXASP3
40mmØ
RedMaintained
A01MXBSP3
40mmØ
YellowMaintained
A01MXDSP3
40mmØ
GreenMaintained
A01MXESP3
40mmØ
BlueMaintained
A01MXFSP3
Noofpoles
PartNo
Singlepole
A0151B
Doublepole
A0152B
Threepole
A0155B
Fourpole
A0153B
Operator
Switch block


Similar Part No. - A019507

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A01 DBLECTRO-A01 Datasheet
282Kb / 1P
   IDC SOCKET
logo
XP Power Limited
A01 XPPOWER-A01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mitsumi Electronics, Co...
A01 MITSUMI-A01 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
M-System Co.,Ltd.
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
RCD COMPONENTS INC.
A01-100NS-B RCD-A01-100NS-B Datasheet
90Kb / 1P
   ACTIVE (DIGITAL) DELAY LINES SINGLE, DUAL, TRIPLE, QUAD DELAYS
More results

Similar Description - A019507

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6YAA4 SCHNEIDER-ZB6YAA4 Datasheet
74Kb / 2P
   red cap unmarked for circular non illuminated pushbutton 횠16
Jan 26, 2022
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com