Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A018104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A018104
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A018104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A018104 Datasheet HTML 1Page - List of Unclassifed Manufacturers A018104 Datasheet HTML 2Page - List of Unclassifed Manufacturers A018104 Datasheet HTML 3Page - List of Unclassifed Manufacturers A018104 Datasheet HTML 4Page - List of Unclassifed Manufacturers A018104 Datasheet HTML 5Page - List of Unclassifed Manufacturers A018104 Datasheet HTML 6Page - List of Unclassifed Manufacturers A018104 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.apem.com
Bezel
Colour
PartNo
black
A0161A
red
A0161B
amber
A0161C
yellow
A0161D
green
A0161E
blue
A0161F
clear
A0161G
white
A0161J
black
A0162A
red
A0162B
amber
A0162C
yellow
A0162D
green
A0162E
blue
A0162F
clear
A0162G
white
A0162J
black
A0163A
red
A0163B
amber
A0163C
yellow
A0163D
green
A0163E
blue
A0163F
clear
A0163G
white
A0163J
(.945)
(.709)
(.709 DIA)
18.00
24.00
Ø18.00
(.020)
(.110)
(.335)
0.50
8.50
2.80
An indicator assembly requires:
screen+lamp+operator
Toordertheseelements,selectdesiredmodelnumbersfromtablesbelow.
Example:IP65rectangularindicatorwithredscreenand12VredLED=A0161B,A0142M1andA0171
1
2
3
Lamp
Voltage
PartNo
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
6Vred
A0142L1
LED
6Vgreen
A0142L2
LED
6Vamber
A0142L3
LED
12Vred
A0142M1
LED
12Vgreen
A0142M2
LED
12Vamber A0142M3
LED
12Vblue
A0142M4
LED
12Vwhite
A0142M5
LED
24Vred
A0142N1
LED
24Vgreen
A0142N2
LED
24Vamber
A0142N3
LED
24Vblue
A0142N4
LED
24Vwhite
A0142N5
LED
48Vred
A0142P1
LED
48Vgreen
A0142P2
LED
48Vamber
A0142P3
Bezel
Description
PartNo
Indicator
A0171
Indicator
A0172
Indicator
A0173
Screen
Lamp
Operator
Unsealedswitches(IP40):
add‘01’toendofoperatormodelnumber
Screenengraving/insertablelegends:
contactAPEMComponents
Bezel:rectangularsquareround.
7
A01 SERIES
INDICATORS
Panel cut‑out Ø16 (.630)


Similar Part No. - A018104

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A01 DBLECTRO-A01 Datasheet
282Kb / 1P
   IDC SOCKET
logo
XP Power Limited
A01 XPPOWER-A01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mitsumi Electronics, Co...
A01 MITSUMI-A01 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
M-System Co.,Ltd.
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
RCD COMPONENTS INC.
A01-100NS-B RCD-A01-100NS-B Datasheet
90Kb / 1P
   ACTIVE (DIGITAL) DELAY LINES SINGLE, DUAL, TRIPLE, QUAD DELAYS
More results

Similar Description - A018104

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6YAA4 SCHNEIDER-ZB6YAA4 Datasheet
74Kb / 2P
   red cap unmarked for circular non illuminated pushbutton 횠16
Jan 26, 2022
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com