Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS6005 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # IS6005
Description  OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS6005 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  IS6005 Datasheet HTML 1Page - ISOCOM COMPONENTS IS6005 Datasheet HTML 2Page - ISOCOM COMPONENTS IS6005 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOMCOMPONENTS2004LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1UD
Tel:(01429)863609 Fax:(01429)863581
OPTICALLY COUPLED BILATERAL
SWITCH NON-ZERO CROSSING
TRIAC
APPROVALS
UL recognised, File No. E91231 under
Package System 'KK'
'X'SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
DESCRIPTION
The MOC302_ series are optically coupled
isolators consisting of a Gallium Arsenide
infrared emitting diode coupled with a light
activated silicon bilateral switch performing the
functions of a triac mounted in a standard 6 pin
dual-in-line package.
FEATURE
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
400V Peak Blocking Voltage
All electrical parameters 100% tested
Custom electrical selections available
APPLICATIONS
CRTs
Power Triac Driver
Motors
Consumer appliances
Printers
ABSOLUTE MAXIMUM RATINGS
(25 °C unless otherwise noted)
Storage Temperature
-550C - +1500C
Operating Temperature
-400C - +1000C
Lead Soldering Temperature
2600C
(1.6mm from case for 10 seconds)
INPUTDIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
(derate linearly 0.93mW/0C above 250C)
OUTPUT PHOTO TRIAC
Off-State Output Terminal Voltage
400V
Forward Current (Peak)
1A
Power Dissipation
300mW
(derate linearly 4.0mW/0C above 250C)
POWERDISSIPATION
Total Power Dissipation
330mW
(derate linearly 4.4mW/0C above 250C)
1
3
6
25
4
0.26
0.5
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
10.46
9.86
0.6
0.1
1.25
0.75
27/11/08
IS6005, IS6010, IS6015
DB91045
Dimensions in mm


Similar Part No. - IS6005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS6005 ETC-IS6005 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results

Similar Description - IS6005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS607 ETC-IS607 Datasheet
58Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3020X ISOCOM-MOC3020X Datasheet
67Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS3021 ETC-IS3021 Datasheet
44Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS420 ETC1-IS420 Datasheet
38Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com