Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128E Datasheet(PDF) 2 Page - Altera Corporation

Part # EPM7128E
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128E Datasheet(HTML) 2 Page - Altera Corporation

  EPM7128E Datasheet HTML 1Page - Altera Corporation EPM7128E Datasheet HTML 2Page - Altera Corporation EPM7128E Datasheet HTML 3Page - Altera Corporation EPM7128E Datasheet HTML 4Page - Altera Corporation EPM7128E Datasheet HTML 5Page - Altera Corporation EPM7128E Datasheet HTML 6Page - Altera Corporation EPM7128E Datasheet HTML 7Page - Altera Corporation EPM7128E Datasheet HTML 8Page - Altera Corporation EPM7128E Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
...and More
Features
Open-drain output option in MAX 7000S devices
Programmable macrocell flipflops with individual clear, preset,
clock, and clock enable controls
Programmable power-saving mode for a reduction of over 50% in
each macrocell
Configurable expander product-term distribution, allowing up to
32 product terms per macrocell
44 to 208 pins available in plastic J-lead chip carrier (PLCC), ceramic
pin-grid array (PGA), plastic quad flat pack (PQFP), power quad flat
pack (RQFP), and 1.0-mm thin quad flat pack (TQFP) packages
Programmable security bit for protection of proprietary designs
3.3-V or 5.0-V operation
–MultiVoltTM I/O interface operation, allowing devices to
interface with 3.3-V or 5.0-V devices (MultiVolt I/O operation is
not available in 44-pin packages)
Pin compatible with low-voltage MAX 7000A and MAX 7000B
devices
Enhanced features available in MAX 7000E and MAX 7000S devices
Six pin- or logic-driven output enable signals
Two global clock signals with optional inversion
Enhanced interconnect resources for improved routability
Fast input setup times provided by a dedicated path from I/O
pin to macrocell registers
Programmable output slew-rate control
Software design support and automatic place-and-route provided by
Altera’s development system for Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations
Table 2. MAX 7000S Device Features
Feature
EPM7032S
EPM7064S
EPM7128S
EPM7160S
EPM7192S
EPM7256S
Usable gates
600
1,250
2,500
3,200
3,750
5,000
Macrocells
32
64
128
160
192
256
Logic array
blocks
24
8
10
12
16
Maximum
user I/O pins
36
68
100
104
124
164
tPD (ns)
5
5
6
6
7.5
7.5
tSU (ns)
2.9
2.9
3.4
3.4
4.1
3.9
tFSU (ns)
2.5
2.5
2.5
2.5
3
3
tCO1 (ns)
3.2
3.2
4
3.9
4.7
4.7
fCNT (MHz)
175.4
175.4
147.1
149.3
125.0
128.2


Similar Part No. - EPM7128E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128E ALTERA-EPM7128E Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7128E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com