Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTK-9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KTK-9
Description  Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KTK-9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KTK-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIMITRON®
KTK
Fast-Acting Fuses
600 Volt, 1/10 - 30 Amps
Form No. KTK
Page 1 of 1
Data Sheet: 1011
Bussmann®
11-13-02
N02177
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to clearly
present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products
and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it
should be tested by the user in all possible applications.
1.5
(
±0.031)
(38.1mm)
.41
(
±0.004)
(10.3mm)
Dimensional Data
RMS SYMMETRICAL CURRENT IN AMPERES
100
10
1
AMPERE
RATING
.1
.01
Electrical Ratings (Catalog Symbol and Amperes)
600Vac - UL Listed and C.S.A.
KTK-1/10
KTK-1
KTK-6
KTK-25
KTK-1/8
KTK-1-1/4
KTK-7
KTK-30
KTK-2/10
KTK-1-1/2
KTK-7-1/2
KTK-1/4
KTK-2
KTK-8
KTK-3/10
KTK-2-1/2
KTK-9
KTK-4/10
KTK-3
KTK-10
KTK-1/2
KTK-3-1/2
KTK-12
KTK-6/10
KTK-4
KTK-15
KTK-3/4
KTK-5
KTK-20
• LIMITRON® fast-acting fuse.
• Melamine tube.
• Nickel-plated bronze endcaps.
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
1-30
10
.180
.082
*Weight per carton.
Catalog Symbol: KTK
Fast-Acting
1/10 TO 30A
600Vac (or less)
Interrupting Rating: 100,000A RMS Sym. (UL)
UL Listed, STD. 248-14, (Guide #JDYX, File #E19180)
CSA Certified: C22.2 NO. 248.14
(File #53787—Class #1422-01)
HRC-MISC
Time-Current Characteristic Curves–Average Melt
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-150Vdc). Refer to Data Sheet: 8002 or contact Bussmann
Application Engineering at 636-527-1270 for more information.
Recommended fuseblocks/fuseholders for
13/32” x 1-1/2” fuses
See Data Sheets listed below
• Open fuseblocks - 1104, 2104
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113, 2108,
2112, 2109, 2140
• In-line fuseholders - 2127, 2126


Similar Part No. - KTK-9

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KTK-9 WINCHESTER-KTK-9 Datasheet
27Kb / 1P
   KT-SIRPPER
logo
Cooper Bussmann, Inc.
KTK-9 COOPER-KTK-9 Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK-9 EATON-KTK-9 Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results

Similar Description - KTK-9

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KTK-2-10 COOPER-KTK-2-10 Datasheet
54Kb / 1P
   Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
KTK-1-10 COOPER-KTK-1-10 Datasheet
54Kb / 1P
   LIMITRON짰 Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
List of Unclassifed Man...
KTK-R ETC1-KTK-R Datasheet
40Kb / 1P
   Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTN-R-1 COOPER-KTN-R-1 Datasheet
317Kb / 3P
   Limitron짰 fast-acting, RK1 ??250 volt fuses
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
   Limitron짰 Quick-Acting Fuses Class J ??600 Volt
LP-CC-5 COOPER-LP-CC-5 Datasheet
77Kb / 2P
   Time-Delay Fuses Class CC 600 Volt, 횣 to 30 Amps
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
   600 VAC ??Fast-Acting ??1-600 A
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com