Electronic Components Datasheet Search |
|
TACB226M002RTA Datasheet(PDF) 1 Page - AVX Corporation |
|
TACB226M002RTA Datasheet(HTML) 1 Page - AVX Corporation |
1 / 3 page 9 TACmicrochip® Standard Microchip The world’s smallest surface mount Tantalum capacitor, small enough to create space providing room for ideas to grow. TACmicrochip® is a major breakthrough in miniaturization without reduction in performance. It offers you the highest energy store in a small case size down to 0402; enhanced high frequency operation through unique ESR performance with temperature and voltage stability is also offered. L SLt W H POLARITY BAND NOT TO EXCEED CENTER LINE TAC Type TACmicrochip® L Case Size 1206=A 1210=B 0402=K 0603=L 0805=R 226 Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) M Tolerance K=±10% M=±20% TA Alternative characters may be used for special requirements HOW TO ORDER R Packaging (see table below) Standard Standard Reel Tin Termination Tin Termination Gold Termination Size Plastic Tape Plastic Tape Plastic Tape Case A/B/R/L K A/B/R/L 7" RTA PTA ATA 41⁄4" XTA QTA FTA Packaging Suffix Technical Data: All technical data relate to an ambient temperature of +25°C Capacitance Range: 0.47 μF to 150 μF Capacitance Tolerance: ±10%; ±20% Leakage Current DCL: 0.01CV or 0.5μA whichever is the greater Rated Voltage (V R) +85°C: 2 3 4 5 6.3 10 16 20 25 Category Voltage (V C) +125°C: 1.3 2 2.7 3.3 4 7 10 13 17 Surge Voltage (V S) +85°C: 2.7 3.9 5.2 6.5 8 13 20 26 32 Surge Voltage (V S) +125°C: 1.7 2.6 3.2 4 5 8 12 16 20 Temperature Range: -55°C to +125°C Reliability: 1% per 1000 hours at 85°C, V R with 0.1 Ω/V series impedance, 60% confidence level Termination Finish: Nickel and Tin Plating (standard), Nickel and Gold Plating option available upon request TECHNICAL SPECIFICATIONS 004 Rated DC Voltage 002=2Vdc 003=3Vdc 004=4Vdc 005=5Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc % % % CASE DIMENSIONS: millimeters (inches) Minimum Code EIA EIA Length (L) Width (W) Height (H) Termination Termination Average Code Metric Spacing(S) Length (Lt) Mass A 1206 3216-18 3.20 ±0.20 1.60 ±0.20 1.60 ±0.20 1.80 min. 0.15 44.6mg (0.126 ±0.008) (0.063 ±0.008) (0.063 ±0.008) (0.071 min.) (0.006) B 1210 3528-15 3.50 2.80 1.50 max. 2.00 min. 0.15 min. 90.0mg (0.138 ) (0.110 ) K 0402 1005-07 1.00 0.50 0.50 0.40 min. 0.10 2.0mg (0.039 ) (0.020 ) (0.020 ) (0.016 min.) (0.004) L 0603 1608-10 1.60 0.85 0.85 0.55 min. 0.15 8.6mg (0.063 ) (0.033 ) (0.033 ) (0.022 min.) (0.006) R 0805 2012-15 2.00 1.35 1.35 0.70 min. 0.15 29.9mg (0.079 ) (0.053 ) (0.053 ) (0.027 min.) (0.006) +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.20 +0.008 -0.008 +0.20 -0.10 +0.008 -0.004 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 |
Similar Part No. - TACB226M002RTA |
|
Similar Description - TACB226M002RTA |