Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X256-90PC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM27X256-90PC
Description  256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X256-90PC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM27X256-90PC Datasheet HTML 2Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 3Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 4Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 5Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 6Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 7Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 8Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 9Page - Advanced Micro Devices AM27X256-90PC Datasheet HTML 10Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Am27X256
9
PHYSICAL DIMENSIONS
PD 028—28-Pin Plastic Dual In-Line Package (measured in inches)
PL 032—32-Pin Plastic Leaded Chip Carrier (measured in inches)
Pin 1 I.D.
1.440
1.480
.530
.580
.005 MIN
.045
.065
.090
.110
.140
.225
.120
.160
.014
.022
SEATING PLANE
.015
.060
.630
.700
0
°
10
°
.600
.625
16-038-SB-AG
PD 028
DG75
7-13-95 ae
28
15
14
.008
.015
.050 REF.
.026
.032
TOP VIEW
Pin 1 I.D.
.485
.495
.447
.453
.585
.595
.547
.553
16-038FPO-5
PL 032
DA79
6-28-94 ae
SIDE VIEW
SEATING
PLANE
.125
.140
.009
.015
.080
.095
.042
.056
.013
.021
.400
REF.
.490
.530


Similar Part No. - AM27X256-90PC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
AM27X2048-120JC AMD-AM27X2048-120JC Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
AM27X2048-120JI AMD-AM27X2048-120JI Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
AM27X2048-120PC AMD-AM27X2048-120PC Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
AM27X2048-120PI AMD-AM27X2048-120PI Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results

Similar Description - AM27X256-90PC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
   128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
   4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com