Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TACK226M003RTA Datasheet(PDF) 1 Page - AVX Corporation

Part # TACK226M003RTA
Description  Standard Microchip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACK226M003RTA Datasheet(HTML) 1 Page - AVX Corporation

  TACK226M003RTA Datasheet HTML 1Page - AVX Corporation TACK226M003RTA Datasheet HTML 2Page - AVX Corporation TACK226M003RTA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9
TACmicrochip®
Standard Microchip
The
world’s
smallest
surface
mount
Tantalum capacitor, small enough to create
space providing room for ideas to grow.
TACmicrochip® is a major breakthrough
in miniaturization without reduction in
performance.
It offers you the highest energy store in a
small case size down to 0402; enhanced
high frequency operation through unique
ESR performance with temperature and
voltage stability is also offered.
L
SLt
W
H
POLARITY BAND NOT TO
EXCEED CENTER LINE
TAC
Type
TACmicrochip®
L
Case Size
1206=A
1210=B
0402=K
0603=L
0805=R
226
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K=±10%
M=±20%
TA
Alternative
characters may
be used for
special
requirements
HOW TO ORDER
R
Packaging
(see table below)
Standard
Standard
Reel Tin Termination Tin Termination Gold Termination
Size
Plastic Tape
Plastic Tape
Plastic Tape
Case
A/B/R/L
K
A/B/R/L
7"
RTA
PTA
ATA
414"
XTA
QTA
FTA
Packaging Suffix
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.47 μF to 150 μF
Capacitance Tolerance:
±10%; ±20%
Leakage Current DCL:
0.01CV or 0.5μA whichever is the greater
Rated Voltage (V
R)
+85°C:
2
3
4
5
6.3
10
16
20
25
Category Voltage (V
C)
+125°C:
1.3
2
2.7
3.3
4
7
10
13
17
Surge Voltage (V
S)
+85°C:
2.7
3.9
5.2
6.5
8
13
20
26
32
Surge Voltage (V
S)
+125°C:
1.7
2.6
3.2
4
5
8
12
16
20
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, V
R with 0.1
Ω/V series impedance,
60% confidence level
Termination Finish:
Nickel and Tin Plating (standard),
Nickel and Gold Plating option available upon request
TECHNICAL SPECIFICATIONS
004
Rated DC Voltage
002=2Vdc
003=3Vdc
004=4Vdc
005=5Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
%
%
%
CASE DIMENSIONS: millimeters (inches)
Minimum
Code
EIA
EIA
Length (L)
Width (W)
Height (H)
Termination
Termination
Average
Code
Metric
Spacing(S)
Length (Lt)
Mass
A
1206 3216-18
3.20 ±0.20
1.60 ±0.20
1.60 ±0.20
1.80 min.
0.15
44.6mg
(0.126 ±0.008)
(0.063 ±0.008) (0.063 ±0.008)
(0.071 min.)
(0.006)
B
1210
3528-15
3.50
2.80
1.50 max.
2.00 min.
0.15 min.
90.0mg
(0.138
)
(0.110
)
K
0402
1005-07
1.00
0.50
0.50
0.40 min.
0.10
2.0mg
(0.039
)
(0.020
) (0.020
)
(0.016 min.)
(0.004)
L
0603
1608-10
1.60
0.85
0.85
0.55 min.
0.15
8.6mg
(0.063
)
(0.033
) (0.033
)
(0.022 min.)
(0.006)
R
0805
2012-15
2.00
1.35
1.35
0.70 min.
0.15
29.9mg
(0.079
)
(0.053
) (0.053
)
(0.027 min.)
(0.006)
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.20
-0.20
+0.008
-0.008
+0.20
-0.10
+0.008
-0.004
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.15
-0.00
+0.006
-0.000
+0.15
-0.00
+0.006
-0.000
+0.15
-0.00
+0.006
-0.000
+0.15
-0.00
+0.006
-0.000


Similar Part No. - TACK226M003RTA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACK224010TA AVX-TACK224010TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACK224016TA AVX-TACK224016TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACK224020TA AVX-TACK224020TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACK225003TA AVX-TACK225003TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACK225006TA AVX-TACK225006TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
More results

Similar Description - TACK226M003RTA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
   Standard Microchip
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
   Standard Microchip
TACR105M025XTA AVX-TACR105M025XTA Datasheet
113Kb / 3P
   TACmicrochip짰 Standard Microchip
TACK105M010QTA AVX-TACK105M010QTA Datasheet
115Kb / 3P
   TACmicrochip짰 Standard Microchip
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
   Microchip CryptoAuthentication??Device
2017
logo
List of Unclassifed Man...
IN9004-1 ETC1-IN9004-1 Datasheet
410Kb / 14P
   INTEGRATED MICROCHIP MICRO-CONTROLLER
logo
Microchip Technology
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
   Free Microchip TCP/IP stack
10/19/04
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
logo
Murata Manufacturing Co...
DXW21BN7511TL MURATA-DXW21BN7511TL Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
DXW21B MURATA-DXW21B Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com