Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR205A104JAT Datasheet(PDF) 7 Page - AVX Corporation

Part # SR205A104JAT
Description  Radial Leads/SkyCap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR205A104JAT Datasheet(HTML) 7 Page - AVX Corporation

  SR205A104JAT Datasheet HTML 1Page - AVX Corporation SR205A104JAT Datasheet HTML 2Page - AVX Corporation SR205A104JAT Datasheet HTML 3Page - AVX Corporation SR205A104JAT Datasheet HTML 4Page - AVX Corporation SR205A104JAT Datasheet HTML 5Page - AVX Corporation SR205A104JAT Datasheet HTML 6Page - AVX Corporation SR205A104JAT Datasheet HTML 7Page - AVX Corporation SR205A104JAT Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
29
Radial Leads/Packaging
Tape and Reel
GENERAL INFORMATION
1. Standard reel diameter is 355 millimeters (14 inches) maximum.
2. Reeling standard (#1 or #2) should be specified when ordering.
HOW TO ORDER
To specify tape and reel packaging, add TR1, TR2 or TRX to the
end of the AVX 12 digit part number.
Examples:
SR215C104KAATR1
SR305E105MAATR2
SR215C103JAATRX
32 mm max.
16
± 0.5 mm
SR07
SR29
SR59
SR65
SR75
32 mm max.
19 mm min. to
base of unit
SR07
SR29
SR59
SR65
SR75
32 max.
16±.5
SR29
SR28
SR12
SR21
SR13
SR32
MR05
32 max.
16 min.
SR15
MR06
SR30
SR40
20 +1.5
-1.0
SR21
SR32
SR63
(TRX)
(TRX)
(TRX)
SR20
Dimensions in Millimeters
32 max.
19 min.
SR29
SR28
SR12
SR21
SR13
SR32
MR05
32 max.
19 min.
SR15
MR06
SR30
SR40
SR20
Dimensions in Millimeters
T
K
E
D
B
A
L
Q
C
W
R
F
S
S
O
NM
X
DESCRIPTION
A. Feed Hole Pitch
B. Feed Hole Diameter
C. Feed Hole Location
D. Component Lead Spacing
E. Component Lead Location
F. Component Lead Protrusion
(edge of carrier to cut end of lead)
K. Component Body Location
L. Carrier Tape Width
M. Carrier Tape Assembly Thickness
N. Carrier Tape Spliced Thickness
O. Carrier Tape Spliced Length
Q. Adhesive Tape Border
R. Component Bent Leads (either direction)
S. Component Misalignment
T. Component Pitch
W. Adhesive Tape Width
X. Carrier Tape Thickness
Y. Cumulative Pitch over 20 Pitches
DIMENSIONS (MM)
12.70 ± .20
3.99 ± .20
9.02 ± .51
5.00
+.79
or 2.54
+.79
-.20
-.20
3.81 ±.51 or 5.00 ±.51
for 2.54 lead spacing
2.00 maximum
6.35 ±.41
18.01 +1.02
-.51
.71 ± .20
1.42 maximum
50.80 - 88.90
3.00 maximum
.79 maximum
.99 maximum
12.70 ±.99
5.00 minimum
.51 ±.10
254 ±2.00
STANDARD 1
STANDARD 2
STANDARD 2
STANDARD 1
THE INSERTABLES


Similar Part No. - SR205A104JAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR205A104JARAP1 AVX-SR205A104JARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR205A104JART AVX-SR205A104JART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR205A104JARTR1 AVX-SR205A104JARTR1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR205A104JAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR151C222KARTR2 AVX-SR151C222KARTR2 Datasheet
172Kb / 5P
   Radial Leads/SkyCap/AR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com